Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA15QS50-1 Arkusz danych(PDF) 6 Page - Littelfuse

Numer części LA15QS50-1
Szczegółowy opis  Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LA15QS50-1 Arkusz danych(HTML) 6 Page - Littelfuse

  LA15QS50-1 Datasheet HTML 1Page - Littelfuse LA15QS50-1 Datasheet HTML 2Page - Littelfuse LA15QS50-1 Datasheet HTML 3Page - Littelfuse LA15QS50-1 Datasheet HTML 4Page - Littelfuse LA15QS50-1 Datasheet HTML 5Page - Littelfuse LA15QS50-1 Datasheet HTML 6Page - Littelfuse LA15QS50-1 Datasheet HTML 7Page - Littelfuse LA15QS50-1 Datasheet HTML 8Page - Littelfuse LA15QS50-1 Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
POWR-GARD® Fuse Datasheet
Special Purpose
©June 2011 Littelfuse
www.littelfuse.com
6
alTernaTe dimenSion SemiconducTor FuSeS
500 VAC • Very Fast-Acting • 35-1200 Amperes
Specifications
Voltage Rating:
AC: 500 V
DC: 500 V
Interrupting Rating:
AC: 200 kA
DC: 100 kA
Ampere Range:
35 – 1200 A
Approvals:
UL Recognized
CSA Certified
ampere
raTing
liTTelFuSe
caTalog
numBer
mounTing
Type
maximum
clearing i2T @500
Vac
(a2S x 103)
WaTTS loSS
@ raTed
currenT (W)
35
LA50QS35-4
4
0.56
6
40
LA50QS40-4
4
0.69
7
50
LA50QS50-4
4
1.1
8
60
LA50QS60-4
4
1.8
10
70
LA50QS70-4
4
1.9
12
80
LA50QS80-4
4
2.6
14
90
LA50QS90-4
4
3.6
15
100
LA50QS100-4
4
4.4
17
125
LA50QS125-4
4
5.6
21
150
LA50QS150-4
4
9
25
175
LA50QS175-4
4
15
29
200
LA50QS200-4
4
20
33
225
LA50QS225-4
4
25
37
ampere
raTing
liTTelFuSe
caTalog
numBer
mounTing
Type
maximum
clearing i2T @500
Vac
(a2S x 103)
WaTTS loSS
@ raTed
currenT (W)
250
LA50QS250-4
4
29
41
300
LA50QS300-4
4
55
49
350
LA50QS350-4
4
88
57
400
LA50QS400-4
4
98
65
450
LA50QS450-4
4
130
69
500
LA50QS500-4
4
160
77
600
LA50QS600-4
4
220
92
700
LA50QS700-4
4
270
110
800
LA50QS800-4
4
360
130
900
LA50QS900-4
4
500
140
1000
LA50QS1000-4
4
560
160
1200
LA50QS1200-4
4
930
175
Dimensions for reference only.
ampere
raTing
mounTing
Type
dimenSionS in incheS (mm)
a
B
c
d
e
F
g
h
35 – 100
4
3.63
(92.2)
1.00
(25.4)
2.13
(54.1)
2.94
(74.7)
2.75
(69.9)
0.31
(7.9)
0.75
(19.1)
0.13
(3.3)
125 – 200
4
3.63
(92.2)
1.22
(31.0)
2.13
(54.1)
2.94
(74.7)
2.81
(71.4)
0.31
(7.9)
1.00
(25.4)
0.19
(4.8)
225 – 400
4
4.34
(110)
1.50
(38.1)
2.09
(53.1)
3.41
(86.6)
2.78
(70.6)
0.41
(10.4)
1.00
(25.4)
0.25
(6.4)
450 – 600
4
4.47
(114)
2.00
(50.8)
2.22
(56.4)
3.53
(89.7)
2.91
(73.9)
0.41
(10.4)
1.50
(38.1)
0.25
(6.4)
700 – 800
4
6.47
(164.3)
2.50
(63.5)
2.22
(56.4)
5.00
(127.0)
3.44
(87.3)
0.53
(13.5)
1.50
(38.1)
0.25
(6.4)
900 – 1200
4
6.97
(177.0)
3.00
(76.2)
3.22
(81.8)
5.47
(138.9)
4.47
(113.5)
0.63
(15.9)
2.38
(60.3)
0.44
(11.1)
Contact Littelfuse for characteristic curves.
Web Resources
TC Curves, downloadable CAD drawings and other technical
information: www.littelfuse.com/la50qs
Dimensions
LA50QS Series


Podobny numer części - LA15QS50-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
LA15QS50-1 LITTELFUSE-LA15QS50-1 Datasheet
112Kb / 2P
   Special Purpose Fuses
LA15QS50-1 LITTELFUSE-LA15QS50-1 Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
LA15QS50-1 LITTELFUSE-LA15QS50-1 Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
More results

Podobny opis - LA15QS50-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
LA120X61 LITTELFUSE-LA120X61 Datasheet
96Kb / 1P
   1200 VAC ??Very Fast Acting ??1/2 ??30 Amperes
2005
L15S001 LITTELFUSE-L15S001 Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
logo
Eaton All Rights Reserv...
GBB EATON-GBB Datasheet
213Kb / 2P
   1??" x 1 1??" Very-fast acting ceramic tube fuses
logo
Cooper Bussmann, Inc.
JJN-10 COOPER-JJN-10 Datasheet
183Kb / 2P
   T-Tron짰 Very Fast Acting Fuses
JJN-100 COOPER-JJN-100 Datasheet
163Kb / 3P
   T-Tron Very Fast Acting Fuses
logo
Littelfuse
LA060URD32LI1250 LITTELFUSE-LA060URD32LI1250 Datasheet
627Kb / 10P
   L15S SERIES TRADITIONAL HIGH-SPEED 150 V ac ? Very Fast-Acting ? 1?1000 A
Rev: 041819
logo
CamdenBoss Ltd.
CFB2470FF CAMDENBOSS-CFB2470FF Datasheet
257Kb / 1P
   2.4x7mm micro miniature very fast acting axial fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
   fast-acting fuses
logo
Littelfuse
0448010.MR LITTELFUSE-0448010.MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
0448012.MR LITTELFUSE-0448012.MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2 > Very Fast-Acting > 448 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com