Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA15QS70-4 Arkusz danych(PDF) 4 Page - Littelfuse

Numer części LA15QS70-4
Szczegółowy opis  Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LA15QS70-4 Arkusz danych(HTML) 4 Page - Littelfuse

  LA15QS70-4 Datasheet HTML 1Page - Littelfuse LA15QS70-4 Datasheet HTML 2Page - Littelfuse LA15QS70-4 Datasheet HTML 3Page - Littelfuse LA15QS70-4 Datasheet HTML 4Page - Littelfuse LA15QS70-4 Datasheet HTML 5Page - Littelfuse LA15QS70-4 Datasheet HTML 6Page - Littelfuse LA15QS70-4 Datasheet HTML 7Page - Littelfuse LA15QS70-4 Datasheet HTML 8Page - Littelfuse LA15QS70-4 Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
POWR-GARD® Fuse Datasheet
Special Purpose
©June 2011 Littelfuse
www.littelfuse.com
4
Specifications
Voltage Rating:
AC: 150 V
DC: 150 V
Interrupting Rating:
100 kA
Ampere Range:
1 – 6000 A
Approvals:
UL Recognized
alTernaTe dimenSion SemiconducTor FuSeS
150 VAC • Very Fast-Acting • 1-6000 Amperes
ampere
raTing
liTTelFuSe
caTalog
numBer
mounTing
Type
maximum
clearing i2t @150
Vac (a2S x 103)
WaTTS loSS
@ raTed
currenT (W)
1
LA15QS1-2
2
0.0002
0.68
2
LA15QS2-2
2
0.001
1.3
3
LA15QS3-2
2
0.003
1.7
4
LA15QS4-2
2
0.007
2.1
5
LA15QS5-2
2
0.012
2.8
6
LA15QS6-2
2
0.022
3.1
7
LA15QS7-2
2
0.011
2.2
8
LA15QS8-2
2
0.015
2.5
10
LA15QS10-2
2
0.019
2.6
12
LA15QS12-2
2
0.030
3
15
LA15QS15-2
2
0.042
3
20
LA15QS20-2
2
0.072
4
25
LA15QS25-2
2
0.14
5.2
30
LA15QS30-2
2
0.25
5.6
35
LA15QS35-1
1
0.21
9
40
LA15QS40-1
1
0.28
10
40
LA15QS40-4TI
4TI
0.39
3.1
45
LA15QS45-1
1
0.34
12
50
LA15QS50-1
1
0.47
13
50
LA15QS50-4
4
0.64
4
55
LA15QS55-1
1
Contact Factory
Contact Factory
60
LA15QS60-1
1
0.94
14
70
LA15QS70-4
4
2
5.6
70
LA15QS70-4TI
4TI
2
5.6
80
LA15QS80-4
4
2.5
8
80
LA15QS80-4TI
4TI
2.5
8
90
LA15QS90-4
4
3.1
9
100
LA15QS100-4
4
3.6
10
100
LA15QS100-4TI
4TI
3.6
10
130
LA15QS130-4
4
5.3
14
130
LA15QS130-4TI
4TI
5.3
14
150
LA15QS150-4
4
6.8
16
150
LA15QS150-4IL
4IL
6.8
16
150
LA15QS150-4TI
4TI
6.8
16
200
LA15QS200-4
4
9
22
200
LA15QS200-4IL
4IL
9
22
ampere
raTing
liTTelFuSe
caTalog
numBer
mounTing
Type
maximum
clearing i2t @150
Vac (a2S x 103)
WaTTS loSS @
raTed currenT
(W)
250
LA15QS250-4
4
15
22
250
LA15QS250-4TI
4TI
15
27
300
LA15QS300-4
4
22
33
300
LA15QS300-4IL
4IL
22
33
300
LA15QS300-4TL
4TI
22
33
350
LA15QS350-4
4
32
40
350
LA15QS350-4TI
4TI
32
40
400
LA15QS400-4
4
40
45
400
LA15QS400-4IL
4IL
40
45
400
LA15QS400-4TI
4TI
40
45
450
LA15QS450-4
4
50
50
450
LA15QS450-4IL
4IL
50
50
500
LA15QS500-4
4
90
30
500
LA15QS500-4IL
4IL
90
30
600
LA15QS600-4
4
130
35
600
LA15QS600-4IL
4IL
130
35
800
LA15QS800-4
4
290
57
1000
LA15QS1000-4
4
520
75
1000
LA15QS1000-4IL
4IL
520
75
1000
LA15QS1000-4TI
4TI
520
75
1000
LA15QS1000-128
128
540
88
1000
LA15QS1000-128IL
128IL
540
88
1200
LA15QS1200-128
128
680
100
1200
LA15QS1200-128IL
128IL
680
100
1500
LA15QS1500-128
128
1200
130
1500
LA15QS1500-128IL
128IL
1200
130
2000
LA15QS2000-128
128
1900
165
2000
LA15QS2000-128IL
128IL
1900
165
2500
LA15QS2500-128
128
3200
195
2500
LA15QS2500-128IL
128IL
3200
195
3000
LA15QS3000-128
128
4800
240
3000
LA15QS3000-128IL
128IL
4800
240
3500
LA15QS3500-128
128
6500
260
4000
LA15QS4000-128
128
8500
270
4000
LA15QS4000-128IL
128IL
8500
270
5000
LA15QS5000-128
128
Contact Factory
Contact Factory
6000
LA15QS6000-128
128
Contact Factory
Contact Factory
ampere
raTingS
mounTing
Type
Figure
no.
dimenSionS in incheS (mm in parenTheSeS)
Tap
a
B
c
d
e
F
g
h
1 – 30
2
1
1.50 (38.1)
0.41 (10.4)
35 – 60
1
1
2.00 (50.8)
0.81 (20.6)
40 – 450
4, 4TI*, 4IL*
2
2.66 (67.6)
1.00 (25.4)
1.16 (29.5)
2.19 (55.6)
1.91 (48.5)
0.31 (7.9)
0.88 (22.4)
0.19 (4.8)
500 – 1000
4, 4TI*, 4IL*
2
3.50 (88.9)
1.50 (38.1)
1.25 (31.8)
2.56 (65.0)
1.94 (49.3)
0.41 (10.4)
1.00 (25.4)
0.25 (6.4)
750 – 2000
128, 128IL*
3
1.88 (47.9)
2.00 (50.8)
1.63 (41.4)
1.75 (44.5)
1.00 (25.4)
3
8-24-12 deep
2500 – 3000
128, 128IL*
3
1.88 (47.9)
3.00 (76.2)
1.63 (41.4)
2.50 (63.5)
1.50 (38.1)
1
2-20-12 deep
3500 – 4000
128, 128IL*
4
1.88 (47.9)
3.50 (88.9)
1.63 (41.4)
3.00 (76.2)
1.06 (27.0)
1.06 (27.0)
1
2-20-12 deep
5000 – 6000
128
5
2.38 (60.5)
5.75 (146)
1.88 (47.7)
5.00 (127)
1.50 (38.1)
1.50 (38.1)
1
2-20-12 deep
*Optional Trigger Actuator (IL). Optional Trigger Indicator (TI) see web for dimensions.
Figure 1
Figure 2
Figure 3
Figure 4
Figure 5
Dimensions for reference only.
Dimensions
Web Resources
TC Curves, downloadable CAD drawings and other technical
information: www.littelfuse.com/la15qs
LA15QS Series


Podobny numer części - LA15QS70-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
LA15QS70-4 LITTELFUSE-LA15QS70-4 Datasheet
112Kb / 2P
   Special Purpose Fuses
LA15QS70-4 LITTELFUSE-LA15QS70-4 Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
LA15QS70-4 LITTELFUSE-LA15QS70-4 Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
LA15QS70-4TI LITTELFUSE-LA15QS70-4TI Datasheet
112Kb / 2P
   Special Purpose Fuses
LA15QS70-4TI LITTELFUSE-LA15QS70-4TI Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
More results

Podobny opis - LA15QS70-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
LA120X61 LITTELFUSE-LA120X61 Datasheet
96Kb / 1P
   1200 VAC ??Very Fast Acting ??1/2 ??30 Amperes
2005
L15S001 LITTELFUSE-L15S001 Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
logo
Eaton All Rights Reserv...
GBB EATON-GBB Datasheet
213Kb / 2P
   1??" x 1 1??" Very-fast acting ceramic tube fuses
logo
Cooper Bussmann, Inc.
JJN-10 COOPER-JJN-10 Datasheet
183Kb / 2P
   T-Tron짰 Very Fast Acting Fuses
JJN-100 COOPER-JJN-100 Datasheet
163Kb / 3P
   T-Tron Very Fast Acting Fuses
logo
Littelfuse
LA060URD32LI1250 LITTELFUSE-LA060URD32LI1250 Datasheet
627Kb / 10P
   L15S SERIES TRADITIONAL HIGH-SPEED 150 V ac ? Very Fast-Acting ? 1?1000 A
Rev: 041819
logo
CamdenBoss Ltd.
CFB2470FF CAMDENBOSS-CFB2470FF Datasheet
257Kb / 1P
   2.4x7mm micro miniature very fast acting axial fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
   fast-acting fuses
logo
Littelfuse
0448010.MR LITTELFUSE-0448010.MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
0448012.MR LITTELFUSE-0448012.MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2 > Very Fast-Acting > 448 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com