Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA15QS80-4 Arkusz danych(PDF) 2 Page - Littelfuse

Numer części LA15QS80-4
Szczegółowy opis  Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LA15QS80-4 Arkusz danych(HTML) 2 Page - Littelfuse

  LA15QS80-4 Datasheet HTML 1Page - Littelfuse LA15QS80-4 Datasheet HTML 2Page - Littelfuse LA15QS80-4 Datasheet HTML 3Page - Littelfuse LA15QS80-4 Datasheet HTML 4Page - Littelfuse LA15QS80-4 Datasheet HTML 5Page - Littelfuse LA15QS80-4 Datasheet HTML 6Page - Littelfuse LA15QS80-4 Datasheet HTML 7Page - Littelfuse LA15QS80-4 Datasheet HTML 8Page - Littelfuse LA15QS80-4 Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
POWR-GARD® Fuse Datasheet
Special Purpose
©June 2011 Littelfuse
www.littelfuse.com
2
L15S Series, 150 Volts AC
ampere
raTing
Fig.
no.
dimenSionS in incheS (mm)
a
B
c
d
e
F
g
h
1 – 30
1
112
(38.1)
3
8
(9.5)
13
32
(10.3)
31 – 60
1
2
(50.8)
5
8
(15.9)
13
16
(20.6)
61 – 450
3
1532
(29.4)
178
(47.6)
2316
(55.6)
22132
(67.5)
1
(25.4)
43
64
(17.1)
5
16
(7.9)
3
16
(4.8)
451 – 1000
3
114
(31.8)
11516
(49.2)
2916
(65.1)
312
(88.9)
112
(38.1)
1
(25.4)
13
32
(10.3)
1
4
(6.4)
E
H
F
G
A
B
C
D
Fig, 2
A
C
D
Fig. 1
L25S Series, 250 Volts AC
ampere
raTing
Fig.
no.
dimenSionS in incheS (mm)
a
B
c
d
e
F
g
h
1 – 30
1
2
(50.8)
1
2
(12.7)
9
16
(14.3)
31 – 60
2
158
(41.3)
214
(57.2)
212
(63.5)
3316
(81.0)
13
16
(20.6)
23
32
(18.3)
11
32
(8.7)
1
8
(3.2)
61 – 200
3
158
(41.3)
2516
(58.7)
2716
(61.9)
318
(79.4)
1732
(31.0)
1
(25.4)
5
16
(7.9)
3
16
(4.8)
201 – 700
3
11932
(40.5)
2932
(57.9)
22932
(73.8)
32732
(97.6)
112
(38.1)
1
(25.4)
13
32
(10.3)
1
4
(6.4)
701 – 800
3
11932
(40.5)
2932
(57.9)
22932
(73.8)
32732
(97.6)
2
(50.8)
112
(38.1)
13
32
(10.3)
1
4
(6.4)
L50S Series, 500 Volts AC / 450 Volts DC
ampere
raTing
Fig.
no.
dimenSionS in incheS (mm)
a
B
c
d
e
F
g
h
10 – 30
1
2
(50.8)
1
2
(12.7)
9
16
(14.3)
31 – 60
2
158
(41.3)
214
(57.2)
212
(63.5)
3316
(81.0)
13
16
(20.6)
23
32
(18.3)
11
32
(8.7)
1
8
(3.2)
61 – 100
3
218
(54.0)
21116
(68.3)
3
(76.2)
358
(92.1)
1
(25.4)
3
4
(19.1)
11
32
(8.7)
1
8
(3.2)
101 – 200
3
218
(54.0)
21316
(71.4)
21516
(74.6)
358
(92.1)
1732
(31.0)
1
(25.4)
5
16
(7.9)
3
16
(4.8)
201 – 400
3
2332
(53.2)
22532
(70.6)
31332
(86.5)
41132
(110.3)
112
(38.1)
1
(25.4)
13
32
(10.3)
1
4
(6.4)
401 – 600
3
2732
(56.4)
22932
(73.8)
31732
(89.7)
41532
(113.5)
2
(50.8)
112
(38.1)
13
32
(10.3)
1
4
(6.4)
601 – 800
3
2732
(56.4)
4932
(108.7)
458
(117.5)
61532
(164.3)
212
(63.5)
2
(50.8)
17
32
(13.5)
3
8
(9.5)
TradiTional SemiconducTor FuSeS
150/250/500/600/700 VAC • Very Fast-Acting • 1-1000 Amperes


Podobny numer części - LA15QS80-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
LA15QS80-4 LITTELFUSE-LA15QS80-4 Datasheet
112Kb / 2P
   Special Purpose Fuses
LA15QS80-4 LITTELFUSE-LA15QS80-4 Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
LA15QS80-4 LITTELFUSE-LA15QS80-4 Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
LA15QS80-4TI LITTELFUSE-LA15QS80-4TI Datasheet
112Kb / 2P
   Special Purpose Fuses
LA15QS80-4TI LITTELFUSE-LA15QS80-4TI Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
More results

Podobny opis - LA15QS80-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
LA120X61 LITTELFUSE-LA120X61 Datasheet
96Kb / 1P
   1200 VAC ??Very Fast Acting ??1/2 ??30 Amperes
2005
L15S001 LITTELFUSE-L15S001 Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
logo
Eaton All Rights Reserv...
GBB EATON-GBB Datasheet
213Kb / 2P
   1??" x 1 1??" Very-fast acting ceramic tube fuses
logo
Cooper Bussmann, Inc.
JJN-10 COOPER-JJN-10 Datasheet
183Kb / 2P
   T-Tron짰 Very Fast Acting Fuses
JJN-100 COOPER-JJN-100 Datasheet
163Kb / 3P
   T-Tron Very Fast Acting Fuses
logo
Littelfuse
LA060URD32LI1250 LITTELFUSE-LA060URD32LI1250 Datasheet
627Kb / 10P
   L15S SERIES TRADITIONAL HIGH-SPEED 150 V ac ? Very Fast-Acting ? 1?1000 A
Rev: 041819
logo
CamdenBoss Ltd.
CFB2470FF CAMDENBOSS-CFB2470FF Datasheet
257Kb / 1P
   2.4x7mm micro miniature very fast acting axial fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
   fast-acting fuses
logo
Littelfuse
0448010.MR LITTELFUSE-0448010.MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
0448012.MR LITTELFUSE-0448012.MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2 > Very Fast-Acting > 448 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com