Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

QXX16RH2 Arkusz danych(PDF) 3 Page - Littelfuse

Numer części QXX16RH2
Szczegółowy opis  15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX16RH2 Arkusz danych(HTML) 3 Page - Littelfuse

  QXX16RH2 Datasheet HTML 1Page - Littelfuse QXX16RH2 Datasheet HTML 2Page - Littelfuse QXX16RH2 Datasheet HTML 3Page - Littelfuse QXX16RH2 Datasheet HTML 4Page - Littelfuse QXX16RH2 Datasheet HTML 5Page - Littelfuse QXX16RH2 Datasheet HTML 6Page - Littelfuse QXX16RH2 Datasheet HTML 7Page - Littelfuse QXX16RH2 Datasheet HTML 8Page - Littelfuse QXX16RH2 Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
109
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
Qxx15xx & Qxx16xHx Series
Static Characteristics
Symbol
Test Conditions
Value
Unit
V
TM
15A Device I
T = 21.2A tp = 380μs
MAX
1.60
V
16A Device I
T = 22.6A tp = 380μs
I
DRM
I
RRM
V
D = VDRM / VRRM
T
J = 25°C
400-1000V
MAX
5
μA
T
J = 125°C
400-800V
2
mA
T
J = 100°C
1000V
3
Thermal Resistances
Symbol
Parameter
Value
Unit
R
θ(J-C)
Junction to case (AC)
Qxx15Ry
Qxx15Ny
Qxx16RHy
Qxx16NHy
1.1
°C/W
Qxx15Ly
Qxx16LHy
2.1
R
θ(J-A)
Junction to ambient
Qxx15Ry
Qxx16RHy
45
°C/W
Qxx15Ly
Qxx16LHy
50
Note: xx = voltage; y = sensitivity
Figure 2: Normalized DC Gate Trigger Current for All
Quadrants vs. Junction Temperature
+125
0.0
1.0
2.0
3.0
4.0
-65
-40
Junction Temperature (T
J) - ºC
-15
10
35
60
85
100
Figure 1: Definition of Quadrants
Note: Alternistors will not operate in QIV
MT2 POSITIVE
(Positive Half Cycle)
MT2 NEGATIVE
(Negative Half Cycle)
MT1
MT2
+ I
GT
REF
QII
MT1
I
GT
GATE
MT2
REF
MT1
MT2
REF
MT1
MT2
REF
QI
QIV
QIII
ALL POLARITIES ARE REFERENCED TO MT1
(
-)
I
GT
GATE
(+)
I
GT -
I
GT
GATE
(
-)
I
GT
GATE
(+)
+
-
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Alternistor Triac (3 Quadrants)
Symbol
Test Conditions
Quadrant
Qxx16xH2
Qxx16xH3
Qxx16xH4
Qxx16xH6
Unit
I
GT
V
D = 12V RL = 60 Ω
I – II – III
MAX.
10
20
35
80
mA
V
GT
I – II – III
MAX.
1.3
V
V
GD
V
D = VDRM RL = 3.3 kΩ TJ = 125°C
I – II – III
MIN.
0.2
V
I
H
I
T = 100mA
MAX.
15
35
50
70
mA
dv/dt
V
D = VDRM Gate Open TJ = 125°C
400V
MIN.
200
350
475
925
V/μs
600V
150
250
400
850
800V
100
200
350
475
V
D = VDRM Gate Open TJ = 100°C
1000V
100
200
300
350
(dv/dt)c
(di/dt)c = 8.6 A/ms T
J = 125°C
MIN.
2
20
25
30
V/μs
t
gt
I
G = 2 x IGT PW = 15μs IT = 22.6 A(pk)
TYP.
3
3
3
5
μs


Podobny numer części - QXX16RH2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
QXX16RH2 LITTELFUSE-QXX16RH2 Datasheet
1,006Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
Qxx16RH2 LITTELFUSE-Qxx16RH2 Datasheet
939Kb / 9P
   RoHS Compliant
More results

Podobny opis - QXX16RH2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
QXX15L5 LITTELFUSE-QXX15L5 Datasheet
1,006Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com