Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

QXX06R5 Arkusz danych(PDF) 3 Page - Littelfuse

Numer części QXX06R5
Szczegółowy opis  6 Amp bi-directional solid state switch series is designed for AC switching
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX06R5 Arkusz danych(HTML) 3 Page - Littelfuse

  QXX06R5 Datasheet HTML 1Page - Littelfuse QXX06R5 Datasheet HTML 2Page - Littelfuse QXX06R5 Datasheet HTML 3Page - Littelfuse QXX06R5 Datasheet HTML 4Page - Littelfuse QXX06R5 Datasheet HTML 5Page - Littelfuse QXX06R5 Datasheet HTML 6Page - Littelfuse QXX06R5 Datasheet HTML 7Page - Littelfuse QXX06R5 Datasheet HTML 8Page - Littelfuse QXX06R5 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
63
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
6 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Lxx06xx & Qxx06xx & Qxx06xHx Series
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Sensitive Triac (4 Quadrants)
Symbol
Test Conditions
Quadrant
Value
Unit
Lxx06x5
Lxx06x6
Lxx06x8
I
GT
V
D = 12V RL = 60 Ω
I – II – III
IV
MAX.
5
5
5
10
10
20
mA
V
GT
ALL
MAX.
1.3
V
V
GD
V
D = VDRM RL = 3.3 kΩ TJ = 110°C
ALL
MIN.
0.2
V
I
H
I
T = 100mA
MAX.
10
10
20
mA
dv/dt
V
D = VDRM Gate Open TJ = 100°C
400V
TYP.
30
30
40
V/μs
600V
20
20
30
(dv/dt)c
(di/dt)c = 3.2 A/ms T
J = 110°C
TYP.
1
2
2
V/μs
t
gt
I
G = 2 x IGT PW = 15µs IT = 8.5 A(pk)
TYP.
3.0
3.0
3.2
μs
Symbol
Test Conditions
Quadrant
Value
Unit
Qxx06x4
Qxx06x5
I
GT
V
D = 12V RL = 60 Ω
I – II – III
IV
MAX.
TYP.
25
50
50
75
mA
V
GT
I – II – III
MAX.
1.3
V
V
GD
V
D = VDRM RL = 3.3 kΩ TJ = 125°C
ALL
MIN.
0.2
V
I
H
I
T = 200mA
MAX.
50
50
mA
dv/dt
V
D = VDRM Gate Open TJ = 125°C
400V
MIN.
120
V/μs
600V
100
800V
85
V
D = VDRM Gate Open TJ = 100°C
1000V
100
(dv/dt)c
(di/dt)c = 3.2 A/ms T
J = 125°C
TYP.
4
4
V/μs
t
gt
I
G = 2 x IGT PW = 15µs IT = 8.5 A(pk)
TYP.
3.0
3.0
μs
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Alternistor Triac (3 Quadrants)
Symbol
Test Conditions
Quadrant
Value
Unit
Qxx06xH3
Qxx06xH4
I
GT
V
D = 12V RL = 60 Ω
I – II – III
MAX.
10
35
mA
V
GT
I – II – III
MAX.
1.3
V
V
GD
V
D = VDRM RL = 3.3 kΩ TJ = 125°C
I – II – III
MIN.
0.2
V
I
H
I
T = 100mA
MAX.
15
35
mA
dv/dt
V
D = VDRM Gate Open TJ = 125°C
Qxx06VHy /
Qxx06DHy
MIN.
400V
75
400
V/μs
600V
50
300
800V
200
Qxx06LHy /
Qxx06RHy /
Qxx06NHy
400V
75
450
600V
50
350
800V
250
V
D = VDRM Gate Open TJ = 100°C
ALL
1000V
150
(dv/dt)c
(di/dt)c = 3.2 A/ms T
J = 125°C
MIN.
20
25
V/μs
t
gt
I
G = 2 x IGT PW = 15µs IT = 8.5 A(pk)
TYP.
4.0
4.0
μs
Note: xx = voltage, x = package, y = sensitivity
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Standard Triac


Podobny numer części - QXX06R5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
QXX06LT LITTELFUSE-QXX06LT Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
QXX06LTH LITTELFUSE-QXX06LTH Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
QXX06LTHTP LITTELFUSE-QXX06LTHTP Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
QXX06LTTP LITTELFUSE-QXX06LTTP Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
More results

Podobny opis - QXX06R5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com