Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OP184 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części OP184
Szczegółowy opis  16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

OP184 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button OP184 Datasheet HTML 2Page - Analog Devices OP184 Datasheet HTML 3Page - Analog Devices OP184 Datasheet HTML 4Page - Analog Devices OP184 Datasheet HTML 5Page - Analog Devices OP184 Datasheet HTML 6Page - Analog Devices OP184 Datasheet HTML 7Page - Analog Devices OP184 Datasheet HTML 8Page - Analog Devices OP184 Datasheet HTML 9Page - Analog Devices OP184 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD7685
Rev. C | Page 6 of 28
−40°C to +85°C, VIO = 2.3 V to 4.5 V or VDD + 0.3 V, whichever is the lowest, unless otherwise stated.
Table 5. VDD = 2.3V to 4.5 V1
Parameter
Symbol
Min
Typ
Max
Unit
Conversion Time: CNV Rising Edge to Data Available
tCONV
0.7
3.2
μs
Acquisition Time
tACQ
1.8
μs
Time Between Conversions
tCYC
5
μs
CNV Pulse Width (CS Mode)
tCNVH
10
ns
SCK Period (CS Mode)
tSCK
25
ns
SCK Period (Chain Mode)
tSCK
VIO Above 3 V
29
ns
VIO Above 2.7 V
35
ns
VIO Above 2.3 V
40
ns
SCK Low Time
tSCKL
12
ns
SCK High Time
tSCKH
12
ns
SCK Falling Edge to Data Remains Valid
tHSDO
5
ns
SCK Falling Edge to Data Valid Delay
tDSDO
VIO Above 3 V
24
ns
VIO Above 2.7 V
30
ns
VIO Above 2.3 V
35
ns
CNV or SDI Low to SDO D15 MSB Valid (CS Mode)
tEN
VIO Above 2.7 V
18
ns
VIO Above 2.3 V
22
ns
CNV or SDI High or Last SCK Falling Edge to SDO High Impedance (CS Mode)
tDIS
25
ns
SDI Valid Setup Time from CNV Rising Edge (CS Mode)
tSSDICNV
30
ns
SDI Valid Hold Time from CNV Rising Edge (CS Mode)
tHSDICNV
0
ns
SCK Valid Setup Time from CNV Rising Edge (Chain Mode)
tSSCKCNV
5
ns
SCK Valid Hold Time from CNV Rising Edge (Chain Mode)
tHSCKCNV
8
ns
SDI Valid Setup Time from SCK Falling Edge (Chain Mode)
tSSDISCK
5
ns
SDI Valid Hold Time from SCK Falling Edge (Chain Mode)
tHSDISCK
4
ns
SDI High to SDO High (Chain Mode with Busy Indicator)
tDSDOSDI
36
ns
1 See Figure 3 and Figure 4 for load conditions.
500µA
IOL
500µA
IOH
1.4V
TO SDO
CL
50pF
Figure 3. Load Circuit for Digital Interface Timing
30% VIO
70% VIO
2V OR VIO – 0.5V1
0.8V OR 0.5V2
0.8V OR 0.5V2
2V OR VIO – 0.5V1
tDELAY
tDELAY
NOTES
1. 2V IF VIO ABOVE 2.5V, VIO – 0.5V IF VIO BELOW 2.5V.
2. 0.8V IF VIO ABOVE 2.5V, 0.5V IF VIO BELOW 2.5V.
Figure 4. Voltage Levels for Timing


Podobny numer części - OP184

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP184 AD-OP184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP184 AD-OP184 Datasheet
248Kb / 5P
   Technical Article
OP184 AD-OP184 Datasheet
153Kb / 3P
   Low Noise, 12 GHz, Microwave Fractional-N Phase-Locked Loop Using an Active Loop Filter and RF Prescaler
REV. A
More results

Podobny opis - OP184

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7685BRM AD-AD7685BRM Datasheet
641Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7685BRMZ AD-AD7685BRMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7685 AD-AD7685 Datasheet
542Kb / 29P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7683 AD-AD7683 Datasheet
467Kb / 16P
   16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7694 AD-AD7694_05 Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7686BRM AD-AD7686BRM Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7694 AD-AD7694 Datasheet
448Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. 0
AD7694ARMZ AD-AD7694ARMZ Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7686CRMZ AD-AD7686CRMZ Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com