Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-1350-L0N00 Arkusz danych(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HLMP-1350-L0N00
Szczegółowy opis  T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-1350-L0N00 Arkusz danych(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-1350-L0N00 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-1350-L0N00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-1350-L0N00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-1350-L0N00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-1350-L0N00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-1350-L0N00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-1350-L0N00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-1350-L0N00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-1350-L0N00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Selection Guide
Luminous Intensity Iv (mcd) @ 20mA
Package
Device
Package
Description
Color
HLMP-
Min.
Typ.
Max.
2q1/2 Degree
Outline
T-13/4
Red
3707-L00xx
90.2
-
-
24
F
3750
90.2
125.0
-
24
A
3750-L00xx
90.2
125.0
-
24
A
Yellow
3850
96.2
140.0
-
24
A
3850-K00xx
96.2
140.0
-
24
A
3850-KL0xx
96.2
150.0
294.0
24
A
Green
3907-K00xx
111.7
-
-
24
F
3914-K00xx
111.7
-
-
24
D
3950
111.7
265.0
-
24
A
3950-K00xx
111.7
265.0
-
24
A
3950-LM0xx
170.0
300.0
490.0
24
A
3960-K0xxx
111.7
265.0
-
24
E
T-13/4 Low Profile
Red
3390
35.2
55.0
-
32
B
Yellow
3490
37.6
55.0
-
32
B
Green
3590
43.6
55.0
-
32
B
T-1
Red
1340
35.2
55.0
-
45
C
1340-H00xx
13.8
-
-
45
C
1340-J00xx
35.2
55.0
-
45
C
Yellow
1440
23.5
45.0
-
45
C
1440-H00xx
23.5
45.0
-
45
C
Green
1540
27.3
45.0
-
45
C
1540-H00xx
27.3
45.0
-
45
C
1540-IJ0xx
43.6
60.0
139.6
45
C
Emerald Green
K640
4.2
21.0
-
45
C
K640-FGNxx
10.6
20.0
34.0
45
C


Podobny numer części - HLMP-1350-L0N00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HLMP-1350-1.00000 HP-HLMP-1350-1.00000 Datasheet
195Kb / 11P
   Low Profile T-1 (3 mm) LED Lamps
HLMP-1350-1.00001 HP-HLMP-1350-1.00001 Datasheet
195Kb / 11P
   Low Profile T-1 (3 mm) LED Lamps
HLMP-1350-1.00002 HP-HLMP-1350-1.00002 Datasheet
195Kb / 11P
   Low Profile T-1 (3 mm) LED Lamps
HLMP-1350-1.0O000 HP-HLMP-1350-1.0O000 Datasheet
195Kb / 11P
   Low Profile T-1 (3 mm) LED Lamps
HLMP-1350-1.0O001 HP-HLMP-1350-1.0O001 Datasheet
195Kb / 11P
   Low Profile T-1 (3 mm) LED Lamps
More results

Podobny opis - HLMP-1350-L0N00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3707 AVAGO-HLMP-3707 Datasheet
889Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra?멊right LED Lamps New sturdy leads
logo
Agilent(Hewlett-Packard...
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com