Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9203W Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9203W
Szczegółowy opis  10-Bit, 40 MSPS, 3 V, 74 mW Analog-to-Digital Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9203W Arkusz danych(HTML) 5 Page - Analog Devices

  AD9203W Datasheet HTML 1Page - Analog Devices AD9203W Datasheet HTML 2Page - Analog Devices AD9203W Datasheet HTML 3Page - Analog Devices AD9203W Datasheet HTML 4Page - Analog Devices AD9203W Datasheet HTML 5Page - Analog Devices AD9203W Datasheet HTML 6Page - Analog Devices AD9203W Datasheet HTML 7Page - Analog Devices AD9203W Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Automotive Product
AD9203W
Rev. 0 | Page 5 of 8
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
With
Respect to
Rating
Unit
AVDD
AVSS
–0.3 to +3.9
V
DRVDD
DRVSS
–0.3 to +3.9
V
AVSS
DRVSS
–0.3 to +0.3
V
AVDD
DRVDD
–3.9 to +3.9
V
REFCOM
AVSS
–0.3 to +0.3
V
CLK
AVSS
–0.3 to AVDD + 0.3
V
Digital Outputs
DRVSS
–0.3 to DRVDD + 0.3
V
AINP
AINN
AVSS – 0.3 to AVDD + 0.3
V
VREF
AVSS
–0.3 to AVDD + 0.3
V
REFSENSE
AVSS
–0.3 to AVDD + 0.3
V
REFTF, REFBF
AVSS
–0.3 to AVDD + 0.3
V
STBY
AVSS
–0.3 to AVDD + 0.3
V
CLAMP
AVSS
–0.3 to AVDD + 0.3
V
CLAMPIN
AVSS
–0.3 to AVDD + 0.3
V
PWRCON
AVSS
–0.3 to AVDD + 0.3
V
DFS
AVSS
–0.3 to AVDD + 0.3
V
3-STATE
AVSS
–0.3 to AVDD + 0.3
V
Junction
Temperature
150
°C
Storage
Temperature
+150
°C
Lead
Temperature
(10 s)
300
°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
28-Lead TSSOP
JA = 97.9°C/W
JC = 14.0°C/W
ESD CAUTION


Podobny numer części - AD9203W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9203 AD-AD9203 Datasheet
216Kb / 19P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. 0
AD9203 AD-AD9203 Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203 AD-AD9203 Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203 AD-AD9203 Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203 AD-AD9203 Datasheet
1Mb / 29P
   A/D Converter
More results

Podobny opis - AD9203W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9203 AD-AD9203_15 Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203ARUZ AD-AD9203ARUZ Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203ARUZRL7 AD-AD9203ARUZRL7 Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203 AD-AD9203 Datasheet
216Kb / 19P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. 0
AD9203ARUZRL7 AD-AD9203ARUZRL7 Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
logo
Texas Instruments
THS1040 TI-THS1040 Datasheet
545Kb / 32P
[Old version datasheet]   3-V, 10-BIT , 40-MSPS CMOS ANALOG TO DIGITAL CONVERTER
logo
Analog Devices
AD9218 AD-AD9218_15 Datasheet
952Kb / 28P
   10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
AD9218 AD-AD9218_06 Datasheet
952Kb / 28P
   10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com