Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GMA4Y881C Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części GMA4Y881C
Szczegółowy opis  1.88 INCH (47.7mm) 8 X 8 DOT MATRIX STICK DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

GMA4Y881C Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  GMA4Y881C Datasheet HTML 1Page - Fairchild Semiconductor GMA4Y881C Datasheet HTML 2Page - Fairchild Semiconductor GMA4Y881C Datasheet HTML 3Page - Fairchild Semiconductor GMA4Y881C Datasheet HTML 4Page - Fairchild Semiconductor GMA4Y881C Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO
ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME
ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;
NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
1.88 INCH (47.7 mm) 8 X 8
DOT MATRIX STICK DISPLAY
www.fairchildsemi.com
© 2000 Fairchild Semiconductor Corporation


Podobny numer części - GMA4Y881C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
QT Optoelectronics
GMA4Y881C QT-GMA4Y881C Datasheet
140Kb / 4P
   1.88 INCH (47.7mm) 8X8 DOT MATRIX STICK DISPLAY
More results

Podobny opis - GMA4Y881C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
QT Optoelectronics
GMA4Y881C QT-GMA4Y881C Datasheet
140Kb / 4P
   1.88 INCH (47.7mm) 8X8 DOT MATRIX STICK DISPLAY
logo
Fairchild Semiconductor
GMA46881C FAIRCHILD-GMA46881C Datasheet
243Kb / 6P
   1.85 INCH (47.0mm) 8 X 8 DOT MATRIX STICK DISPLAY
GMA3688C FAIRCHILD-GMA3688C Datasheet
241Kb / 6P
   1.5 INCH (37.9mm) 8 X 8 DOT MATRIX STICK DISPLAY
GMA26881C FAIRCHILD-GMA26881C Datasheet
238Kb / 6P
   2.3 INCH (58.4 mm) 8 X 8 DOT MATRIX STICK DISPLAY
GMA2688C FAIRCHILD-GMA2688C Datasheet
264Kb / 7P
   2.3 INCH (58.4 mm) 8 X 8 DOT MATRIX STICK DISPLAY
GMA2288C FAIRCHILD-GMA2288C Datasheet
224Kb / 6P
   2.3 INCH (58.S mm) 8 X 8 DOT MATRIX STICK DISPLAY
GMA2285C FAIRCHILD-GMA2285C Datasheet
248Kb / 5P
   2.3 INCH (58.4 mm) 5 X 8 DOT MATRIX STICK DISPLAY
GMA26841C FAIRCHILD-GMA26841C Datasheet
231Kb / 6P
   2.3 INCH (58.4 mm) 4 X 8 DOT MATRIX STICK DISPLAY
logo
List of Unclassifed Man...
C-3880X ETC-C-3880X Datasheet
117Kb / 1P
   1.2 INCH, 8 X 8 DOT MATRIX DISPLAY
C-5880H ETC1-C-5880H Datasheet
119Kb / 1P
   2.3 INCH, 8 X 8 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com