Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3310ITD1022TP Arkusz danych(PDF) 1 Page - Touchstone Semiconductor Inc

Numer części TS3310ITD1022TP
Szczegółowy opis  A True 150-nA IQ, 0.9-3.6VIN, Selectable 1.8-5VOUT Instant-OnTM Boost Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOUCHSTONE [Touchstone Semiconductor Inc]
Strona internetowa  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3310ITD1022TP Arkusz danych(HTML) 1 Page - Touchstone Semiconductor Inc

  TS3310ITD1022TP Datasheet HTML 1Page - Touchstone Semiconductor Inc TS3310ITD1022TP Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3310ITD1022TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3310ITD1022TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3310ITD1022TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3310ITD1022TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3310ITD1022TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3310ITD1022TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3310ITD1022TP Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TS3310
Page 1
© 2013 Touchstone Semiconductor, Inc. All rights reserved.
FEATURES
 Ultra-Efficient Boost Converter:
Active Mode, No-load Supply Current: 150nA
Efficiency: Up to 92%
Input Voltage Range: 0.9V-3.6V
Delivers up to 35mA at 3VSTORE from 1.2VIN
Single-inductor, Discontinuous Conduction
Mode Operation
No External Schottky Diode Required
 Pin-Selectable Output Voltages:
1.8V, 2.1V, 2.5V, 2.85V, 3V, 3.3V,
4.1V, and 5V
 User-enabled Secondary Output Load Switch
 10-Pin, Low-Profile, 2mm x 2mm TDFN Package
APPLICATIONS
Coin Cell-Powered Portable Equipment
Single Cell Li-ion or Alkaline Powered Equipment
Solar or Mechanical Energy Harvesting
Wireless Microphones
Wireless Remote Sensors
RFID Tags
Blood Glucose Meters
Personal Health-Monitoring Devices
ZigBee Radio Enabled Devices
Low-Energy Bluetooth Radio Enabled Devices
DESCRIPTION
The TS3310 is a low power boost switching regulator
with an industry leading low quiescent current of
150nA. The 150nA is the actual current consumed
from the battery while the output is in regulation. The
TS3310’s extremely low power internal circuitry
consumes 90nA on average, with periodic switching
cycles which service the load occurring at intervals of
up to 25 seconds, together yielding the average
150nA. The TS3310 steps up input voltages from
0.9V to 3.6V to eight selectable output voltages
ranging from 1.8V to 5V. The TS3310 includes two
output options, one being an always-on storage
output while the additional output is an output load
switch that is designed to supply burst-on loads in a
low duty cycle manner. The TS3310 operates in
Discontinuous Conduction Mode with an on-time
proportional to 1/VIN, thereby limiting the maximum
input current by the selection of the inductor value,
ensuring the input current does not drag down the
input source.
The extremely low quiescent current combined with
the output load switch make the TS3310 an ideal
choice for applications where the load can be
periodically powered from the output, while being
disconnected from the output storage capacitor when
the load is powered off to isolate the load’s leakage
current.
The TS3310 is fully specified over the -40°C to +85°C
temperature range and is available in a low-profile,
thermally-enhanced 10-pin 2x2mm TDFN package
with an exposed back-side paddle.
Efficiency vs STORE Current
IN=1.2V, STORE=3V
0.0001 0.001 0.01
0.1
1
10
100
ISTORE - mA
100
90
80
70
60
50
40
30
20
10
0
Circuit A
Circuit B
A True 150-nA IQ, 0.9-3.6VIN, Selectable 1.8-5VOUT Instant-On
TM Boost Converter
TYPICAL APPLICATION CIRCUIT
The Touchstone Semiconductor
logo and “NanoWatt Analog” are registered trademarks of
Touchstone Semiconductor, Incorporated.
Circuit A
Circuit B
L
10µH
PN: CBC3225T100KR
100µH
PN: CBC3225T101KR
CIN = CSTORE
10µF
1µF


Podobny numer części - TS3310ITD1022TP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
TS3310ITD1022T SILABS-TS3310ITD1022T Datasheet
8Mb / 20P
   User-enabled Secondary Output Load Switch
More results

Podobny opis - TS3310ITD1022TP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ACE Technology Co., LTD...
ACE707C ACE-ACE707C Datasheet
401Kb / 9P
   0.9 V startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
VER 1.1
logo
Texas Instruments
TPS63900 TI-TPS63900_V01 Datasheet
2Mb / 34P
[Old version datasheet]   TPS63900 1.8-V to 5.5-V, 75-nA IQ Buck-boost Converter with Input Current Limit and DVS
TPS63901 TI-TPS63901 Datasheet
2Mb / 35P
[Old version datasheet]   TPS63901 1.8-V to 5.5-V, 75-nA IQ Buck-boost Converter with Input Current Limit and DVS
DECEMBER 2021
TPS62840 TI1-TPS62840 Datasheet
17Mb / 31P
[Old version datasheet]   1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS63901 TI-TPS63901_V01 Datasheet
3Mb / 33P
[Old version datasheet]   TPS63901 1.8-V to 5.5-V, 75-nA IQ Buck-Boost Converter with Input Current Limit and DVS in a WCSP Package
REVISED JUNE 2022
logo
Maxim Integrated Produc...
MAX8627 MAXIM-MAX8627 Datasheet
260Kb / 14P
   Low VBATT, 20uA IQ, 1MHz Synchronous Boost Converter with True Shutdown
Rev 0; 3/06
logo
Texas Instruments
TPS62840 TI1-TPS62840_V01 Datasheet
18Mb / 34P
[Old version datasheet]   1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V02 Datasheet
3Mb / 41P
[Old version datasheet]   TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V03 Datasheet
3Mb / 45P
[Old version datasheet]   TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS780 TI1-TPS780_16 Datasheet
1Mb / 37P
[Old version datasheet]   150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable, Dual-Level Output Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com