Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQD10N20C Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FQD10N20C
Szczegółowy opis  N-Channel QFET MOSFET 200 V, 7.8 A, 360 mOhm
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD10N20C Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FQD10N20C Datasheet HTML 1Page - Fairchild Semiconductor FQD10N20C Datasheet HTML 2Page - Fairchild Semiconductor FQD10N20C Datasheet HTML 3Page - Fairchild Semiconductor FQD10N20C Datasheet HTML 4Page - Fairchild Semiconductor FQD10N20C Datasheet HTML 5Page - Fairchild Semiconductor FQD10N20C Datasheet HTML 6Page - Fairchild Semiconductor FQD10N20C Datasheet HTML 7Page - Fairchild Semiconductor FQD10N20C Datasheet HTML 8Page - Fairchild Semiconductor FQD10N20C Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
10
-1
10
0
10
1
0
200
400
600
800
1000
1200
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Note ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
4
8
12
16
20
24
0
2
4
6
8
10
12
V
DS = 100V
V
DS = 40V
V
DS = 160V
Note : I
D = 9.5A
Q
G, Total Gate Charge [nC]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
-1
10
0
10
1
150℃
Notes :
1. V
GS = 0V
2. 250μ s Pulse Test
25℃
V
SD, Source-Drain voltage [V]
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
V
GS = 20V
V
GS = 10V
Note : T
J = 25
I
D, Drain Current [A]
246
8
10
10
-1
10
0
10
1
150
oC
25
oC
-55
oC
Notes :
1. V
DS = 40V
2. 250μ s Pulse Test
V
GS, Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
5.0 V
Bottom : 4.5 V
Notes :
1. 250μ s Pulse Test
2. T
C = 25
V
DS, Drain-Source Voltage [V]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics
©2009 Fairchild Semiconductor Corporation
FQD10N20C / FQU10N20C Rev. C1
www.fairchildsemi.com


Podobny numer części - FQD10N20C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQD10N20C FAIRCHILD-FQD10N20C Datasheet
589Kb / 9P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C Datasheet
549Kb / 9P
   N-Channel QFET MOSFET
FQD10N20C FAIRCHILD-FQD10N20C Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQD10N20C ISC-FQD10N20C Datasheet
347Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
More results

Podobny opis - FQD10N20C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kersemi Electronic Co.,...
KEMD10N20C KERSEMI-KEMD10N20C Datasheet
2Mb / 6P
   N-Channel MOSFET 200 V, 7.8 A, 360 m
KSMD10N20C KERSEMI-KSMD10N20C Datasheet
2Mb / 6P
   N-Channel MOSFET 200 V, 7.8 A, 360 m
logo
Fairchild Semiconductor
FQD10N20LTF FAIRCHILD-FQD10N20LTF Datasheet
765Kb / 8P
   N-Channel QFET MOSFET 200 V, 7.6 A, 360 m
logo
Kersemi Electronic Co.,...
KSMU10N20C KERSEMI-KSMU10N20C Datasheet
2Mb / 6P
   N-Channel MOSFET 200 V, 7.8 A, 360 m廓
logo
Fairchild Semiconductor
FQD18N20V2TM FAIRCHILD-FQD18N20V2TM Datasheet
737Kb / 9P
   N-Channel QFET MOSFET 200 V, 15 A, 140 mOhm
FQD5N20LTM FAIRCHILD-FQD5N20LTM Datasheet
863Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.8 A, 1.2
FQD4N20TF FAIRCHILD-FQD4N20TF Datasheet
781Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.0 A, 1.4
FQD12N20TM FAIRCHILD-FQD12N20TM Datasheet
862Kb / 9P
   N-Channel QFET MOSFET 200 V, 9 A, 280 m
FDMA507PZ FAIRCHILD-FDMA507PZ Datasheet
308Kb / 7P
   Single P-Channel PowerTrench MOSFET -20 V, -7.8 A, 24 mOhm
FQT3P20TF FAIRCHILD-FQT3P20TF Datasheet
1Mb / 8P
   P-Channel QFET MOSFET -200 V, -0.67 A, 2.7
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com