Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD86326 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FDD86326
Szczegółowy opis  N-Channel Shielded Gate PowerTrench MOSFET 80 V, 37 A, 23 m Ohm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD86326 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FDD86326 Datasheet HTML 1Page - Fairchild Semiconductor FDD86326 Datasheet HTML 2Page - Fairchild Semiconductor FDD86326 Datasheet HTML 3Page - Fairchild Semiconductor FDD86326 Datasheet HTML 4Page - Fairchild Semiconductor FDD86326 Datasheet HTML 5Page - Fairchild Semiconductor FDD86326 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
©2010 Fairchild Semiconductor Corporation
FDD86326 Rev.C2
www.fairchildsemi.com
4
Figure 7.
03
6
9
12
15
0
2
4
6
8
10
ID = 8 A
VDD = 50 V
VDD = 25 V
Qg, GATE CHARGE (nC)
VDD = 75 V
Gate Charge Characteristics
Figure 8.
0.1
1
10
80
10
100
1000
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Capacitance vs Drain
to Source Voltage
Figure9.
0.01
0.1
1
10
30
1
2
3
4
5
6
7
8
9
TJ = 100 oC
TJ = 25 oC
TJ = 125 oC
t
AV, TIME IN AVALANCHE (ms)
UnclampedInductive
Switching Capability
Figure 10.
25
50
75
100
125
150
0
10
20
30
40
RTJC = 2
oC/W
VGS = 4.5 V
VGS = 10 V
T
c
, CASE TEMPERATURE
(
o
C
)
Maximum Continuous Drain
Current vs Case Temperature
Figure 11. Forward Bias Safe
Operating Area
1
10
100
200
0.1
1
10
100
DC
100 ms
10 ms
1 ms
100 us
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RTJC = 2
oC/W
TC = 25
oC
Figure 12.
10
-5
10
-4
10
-3
10
-2
10
-1
1
10
50
100
1000
10000
V
GS = 10 V
t, PULSE WIDTH (sec)
SINGLE PULSE
RTJC = 2
oC/W
TC = 25
oC
Single Pulse Maximum
Power Dissipation
Typical Characteristics T
J = 25 °C unless otherwise noted


Podobny numer części - FDD86326

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
FDD86326 ISC-FDD86326 Datasheet
351Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com