Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4013BCN Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części CD4013BCN
Szczegółowy opis  Dual D-Type Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4013BCN Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  CD4013BCN Datasheet HTML 1Page - Fairchild Semiconductor CD4013BCN Datasheet HTML 2Page - Fairchild Semiconductor CD4013BCN Datasheet HTML 3Page - Fairchild Semiconductor CD4013BCN Datasheet HTML 4Page - Fairchild Semiconductor CD4013BCN Datasheet HTML 5Page - Fairchild Semiconductor CD4013BCN Datasheet HTML 6Page - Fairchild Semiconductor CD4013BCN Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
(Note 3)
Recommended Operating
Conditions (Note 3)
Note 2: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed, they are not meant to imply that
the devices should be operated at these limits. The tables of “Recom-
mended Operating Conditions” and “Electrical Characteristics” provide con-
ditions for actual device operation.
Note 3: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 3)
Note 4: IOH and IOL are measured one output at a time.
DC Supply Voltage (VDD)
−0.5 V
DC to +18 VDC
Input Voltage (VIN)
−0.5 V
DC to VDD +0.5 VDC
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
DC Supply Voltage (VDD)
+3 V
DC to +15 VDC
Input Voltage (VIN)0 VDC to VDD VDC
Operating Temperature Range (TA)
−55°C to +125°C
Symbol
Parameter
Conditions
−55°C
+25°C
+125°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD = 5V, VIN = VDD or VSS
1.0
1.0
30
µA
Current
VDD = 10V, VIN = VDD or VSS
2.0
2.0
60
VDD = 15V, VIN = VDD or VSS
4.0
4.0
120
VOL
LOW Level
|IO| < 1.0 µA
V
Output Voltage
VDD = 5V
0.05
0.05
0.05
VDD = 10V
0.05
0.05
0.05
VDD = 15V
0.05
0.05
0.05
VOH
HIGH Level
|IO| < 1.0 µA
V
Output Voltage
VDD = 5V
4.95
4.95
4.95
VDD = 10V
9.95
9.95
9.95
VDD = 15V
14.95
14.95
14.95
VIL
LOW Level
|IO| < 1.0 µA
V
Input Voltage
VDD = 5V, VO = 0.5V or 4.5V
1.5
1.5
1.5
VDD = 10V, VO = 1.0V or 9.0V
3.0
3.0
3.0
VDD = 15V, VO = 1.5V or 13.5V
4.0
4.0
4.0
VIH
HIGH Level
|IO| < 1.0 µA
V
Input Voltage
VDD = 5V, VO = 0.5V or 4.5V
3.5
3.5
3.5
VDD = 10V, VO = 1.0V or 9.0V
7.0
7.0
7.0
VDD = 15V, VO = 1.5V or 13.5V
11.0
11.0
11.0
IOL
LOW Level Output
VDD = 5V, VO = 0.4V
0.64
0.51
0.88
0.36
mA
Current (Note 4)
VDD = 10V, VO = 0.5V
1.6
1.3
2.25
0.9
VDD = 15V, VO = 1.5V
4.2
3.4
8.8
2.4
IOH
HIGH Level Output
VDD = 5V, VO = 4.6V
−0.64
−0.51
−0.88
−0.36
mA
Current (Note 4)
VDD = 10V, VO = 9.5V
−1.6
−1.3
−2.25
−0.9
VDD = 15V, VO = 13.5V
−4.2
−3.4
−8.8
−2.4
IIN
Input Current
VDD = 15V, VIN = 0V
−0.1
−10−5
−0.1
−1.0
µA
VDD = 15V, VIN = 15V
0.1
10−5
0.1
1.0


Podobny numer części - CD4013BCN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
CD4013BCN NSC-CD4013BCN Datasheet
141Kb / 6P
   Dual D Flip-Flop
logo
Fairchild Semiconductor
CD4013BCN FAIRCHILD-CD4013BCN Datasheet
74Kb / 6P
   Dual D-Type Flip-Flop
CD4013BCN FAIRCHILD-CD4013BCN Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
More results

Podobny opis - CD4013BCN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
   Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
   Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
   Dual D-Type Flip Flop
logo
ON Semiconductor
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
   Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
   Dual Type D Flip-Flop
logo
ON Semiconductor
MC14013B ONSEMI-MC14013B Datasheet
209Kb / 8P
   Dual Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74F74 PHILIPS-74F74 Datasheet
80Kb / 8P
   Dual D-type flip-flop
1996 Mar 12
logo
Nexperia B.V. All right...
HEF4013B-Q100 NEXPERIA-HEF4013B-Q100 Datasheet
770Kb / 17P
   Dual D-type flip-flop
logo
STMicroelectronics
HCF4013 STMICROELECTRONICS-HCF4013 Datasheet
375Kb / 13P
   Dual D-type flip-flop
May 2013 Rev 4
logo
Nexperia B.V. All right...
HEF4013B NEXPERIA-HEF4013B Datasheet
247Kb / 14P
   Dual D-type flip-flop
Rev. 11 - 9 March 2023
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com