Zakładka z wyszukiwarką danych komponentów |
|
TL1453CNSR Arkusz danych(PDF) 4 Page - Texas Instruments |
|
|
TL1453CNSR Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 8 page TL1453C DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT SLVS039A – FEBRUARY 1990 – REVISED DECEMBER 1990 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range, VCC = 6 V, f = 200 kHz (unless otherwise noted) (continued) pwm comparator section PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT Input threshold voltage atf=10kHz (pins 5 and 12) Zero duty cycle 2.05 2.25 V Input threshold voltage at f = 10 kHz (pins 5 and 12) Maximum duty cycle 1.2 1.45 V Input (sink) current (pins 5 and 12) VI = 1.25 V 0.5 1.6 mA Input (source) current (pins 5 and 12) VI = 1.25 V –45 –70 µA total device PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT Standby supply current Off-state 1.3 1.8 mA Average supply current RT = 10 kΩ 1.7 2.4 mA † All typical values are at TA = 25°C. test circuit 0.1 µF OUTPUT 1 OUTPUT 2 9 10 11 12 13 14 15 16 2 OUTPUT CONTROL 2 DEAD-TIME 2 FEEDBACK IN–2 IN+2 SCP REF GND 1 OUTPUT CONTROL 1 DEAD-TIME 1 FEEDBACK IN–1 IN+1 8 7 6 5 4 3 2 1 INPUT TEST INPUT TEST RT CT RT VCC VCC RL RL TL1453C CT 330 pF 10 k Ω |
Podobny numer części - TL1453CNSR |
|
Podobny opis - TL1453CNSR |