Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD431690B Arkusz danych(PDF) 4 Page - Power Integrations, Inc.

Numer części CD431690B
Szczegółowy opis  POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1800 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POWERINT [Power Integrations, Inc.]
Strona internetowa  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

CD431690B Arkusz danych(HTML) 4 Page - Power Integrations, Inc.

  CD431690B Datasheet HTML 1Page - Power Integrations, Inc. CD431690B Datasheet HTML 2Page - Power Integrations, Inc. CD431690B Datasheet HTML 3Page - Power Integrations, Inc. CD431690B Datasheet HTML 4Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR Isolated Module
90 Amperes / Up to 1800 Volts
Revision Date: 04/28/2009
CD43__90B
Maximum On-State Forward Voltage Drop
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
10
100
1000
Instantaneous On-State Current - Itm - Amperes
( Tj = 125 °C )
Maximum Transient Thermal Impedance
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.001
0.01
0.1
1
10
100
Time - t - Seconds
(Junction to Case)
0
180
360
CONDUCTION ANGLE
Maximum On-State Power Dissipation
15°
30°
60°
90°
120°
180°
0
20
40
60
80
100
120
140
0
2040
6080
100
Average On-State Current - It(av) - Amperes
(Sinusoidal Waveform)
0
180
360
CONDUCTION ANGLE
Maximum Allowable Case Temperature
120°
90°
60°
30°
15°
180°
80
85
90
95
100
105
110
115
120
125
0
10
2030
40
506070
8090
100
Average On-State Current - It(av) - Amperes
(Sinusoidal Waveform)
0
180
360
CONDUCTION ANGLE
Maximum On-State Power Dissipation
90°
60°
30°
120°
180°
270°
15°
360°
0
20
40
60
80
100
120
140
160
180
0
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150
Average On-State Current - It(av) - Amperes
(Rectangular Waveform)
0
180
360
CONDUCTION ANGLE
Maximum Allowable Case Temperature
270°
180°
120°
90°
60°
30°
15°
360°
75
80
85
90
95
100
105
110
115
120
125
0
10
20304050
60708090 100 110 120 130 140 150
Average On-State Current - It(av) - Amperes
(Rectangular Waveform)


Podobny numer części - CD431690B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Powerex Power Semicondu...
CD431690B POWEREX-CD431690B Datasheet
308Kb / 4P
   Dual SCR Isolated Module
More results

Podobny opis - CD431690B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Powerex Power Semicondu...
CD43_90B POWEREX-CD43_90B Datasheet
308Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes Up to 1800 Volts
logo
Power Integrations, Inc...
CD421690B POWERINT-CD421690B Datasheet
120Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1800 Volts
logo
Powerex Power Semicondu...
PD4307 POWEREX-PD4307 Datasheet
99Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module (700 Amperes / Up to 1800 Volts)
ND431825 POWEREX-ND431825 Datasheet
100Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module (250 Amperes / 1800 Volts)
CD4390A POWEREX-CD4390A Datasheet
101Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1600 Volts
PD4207 POWEREX-PD4207 Datasheet
98Kb / 5P
   POW-R-BLOK Dual SCR / Diode Isolated Module (700 Amperes / Up to 1800 Volts)
PS431215 POWEREX-PS431215 Datasheet
367Kb / 5P
   POW-R-BLOK Single SCR Isolated Module 1500 Amperes / Up to 1800 Volts
LD431850 POWEREX-LD431850 Datasheet
97Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module (500 Amperes / 1800 Volts)
PD4707 POWEREX-PD4707 Datasheet
98Kb / 5P
   POW-R-BLOK Dual SCR / Diode Isolated Module (700 Amperes / Up to 1800 Volts)
PS432215 POWEREX-PS432215 Datasheet
367Kb / 5P
   POW-R-BLOK Single SCR Isolated Module 1500 Amperes / Up to 1800 Volts
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com