Zakładka z wyszukiwarką danych komponentów |
|
AD5220BRZ100 Arkusz danych(PDF) 5 Page - Analog Devices |
|
AD5220BRZ100 Arkusz danych(HTML) 5 Page - Analog Devices |
5 / 11 page AD5220 –5– REV. CODE – Decimal 60 –10 0 16 128 32 48 64 80 96 112 53 32 25 11 –3 46 39 18 4 –55 C < TA < +85 C VDD = +5.5V 50k AND 100k VERSION 10k VERSION Figure 13. ∆V WB/∆T Potentiometer Mode Tempco (10 k Ω and 50 kΩ) FREQUENCY – Hz 6 1k 1M 10k 100k 0 –6 –12 –18 –24 –30 –36 –42 –48 –54 00H + – 2.5V W A B OP42 + – DATA = 40H VDD = +5V VIN = VA = 100mV rms VB = +2.5V 40H 20H 10H 08H 04H 02H 01H Figure 16. 50 k Ω Gain vs. Frequency vs. Code VWB VDD = +5.5V VA = +5.5V VB = 0V f = 100kHz DATA 40H v 3FH 150mV 100mV 50mV 0mV 5V 0V CLK TIME 500ns / DIV Figure 19. Midscale Transition Glitch CODE – Decimal 60 –10 0 16 128 32 48 64 80 96 112 53 32 25 11 –3 46 39 18 4 –55 C < TA < +85 C VDD = +5.5V RWB MEASURED VA = NO CONNECT 50k AND 100k VERSION 10k VERSION Figure 14. ∆R WB/∆T Rheostat FREQUENCY – Hz 6 1k 1M 10k 100k 0 –6 –12 –18 –24 –30 –36 –42 –48 –54 + – 2.5V W A B OP42 + – DATA = 40H VDD = +5V VIN = VA = 100mV rms VB = +2.5V 00H 20H 10H 08H 04H 02H 01H 40H Figure 17. 100 k Ω Gain vs. Fre- quency vs. Code FREQUENCY – Hz 0.0001 10 TA = +25 C VDD = +5.0V OFFSET GND = +2.5V RAB = 10k NONINVERTING TEST CKT 32 INVERTING TEST CKT 31 0.001 0.01 0.10 1.00 100 1k 10k 100k Figure 20. Total Harmonic Distortion Plus Noise vs. Frequency FREQUENCY – Hz 6 1k 1M 10k 100k 0 –6 –12 –18 –24 –30 –36 –42 –48 –54 DATA = 40H VDD = +5V VIN = VA = 100mV rms VB = +2.5V + – 2.5V W A B OP42 + – 40H 20H 10H 08H 04H 02H 01H 00H Figure 15. 10 k Ω Gain vs. Frequency vs. Code VWB VDD = +5.5V VA = VB = 0V f = 100kHz 20mV/ DIV TIME 2 s / DIV Figure 18. Digital Feedthrough FREQUENCY – Hz –5.8 –6.8 10 100 1M –6.3 1k 10k 100k –5.9 –6.0 –6.1 –6.2 –6.4 –6.5 –6.6 –6.7 50k 10k DATA = 40H VDD = +5V VIN = VA = 50mV rms VB = +2.5V 100k + – 2.5V W A B OP42 + – Figure 21. Normalized Gain Flatness vs. Frequency A |
Podobny numer części - AD5220BRZ100 |
|
Podobny opis - AD5220BRZ100 |