Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5220BRZ50 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD5220BRZ50
Szczegółowy opis  Increment/Decrement Digital Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5220BRZ50 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD5220BRZ50 Datasheet HTML 3Page - Analog Devices AD5220BRZ50 Datasheet HTML 4Page - Analog Devices AD5220BRZ50 Datasheet HTML 5Page - Analog Devices AD5220BRZ50 Datasheet HTML 6Page - Analog Devices AD5220BRZ50 Datasheet HTML 7Page - Analog Devices AD5220BRZ50 Datasheet HTML 8Page - Analog Devices AD5220BRZ50 Datasheet HTML 9Page - Analog Devices AD5220BRZ50 Datasheet HTML 10Page - Analog Devices AD5220BRZ50 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AD5220
-10-
REV. A
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-001
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
CORNER LEADS MAY BE CONFIGURED AS WHOLE OR HALF LEADS.
0.022 (0.56)
0.018 (0.46)
0.014 (0.36)
SEATING
PLANE
0.015
(0.38)
MIN
0.210 (5.33)
MAX
0.150 (3.81)
0.130 (3.30)
0.115 (2.92)
0.070 (1.78)
0.060 (1.52)
0.045 (1.14)
8
1
4
5
0.280 (7.11)
0.250 (6.35)
0.240 (6.10)
0.100 (2.54)
BSC
0.400 (10.16)
0.365 (9.27)
0.355 (9.02)
0.060 (1.52)
MAX
0.430 (10.92)
MAX
0.014 (0.36)
0.010 (0.25)
0.008 (0.20)
0.325 (8.26)
0.310 (7.87)
0.300 (7.62)
0.195 (4.95)
0.130 (3.30)
0.115 (2.92)
0.015 (0.38)
GAUGE
PLANE
0.005 (0.13)
MIN
Figure 39. 8-Lead Plastic Dual In-Line Package [PDIP]
Narrow Body
(N-8)
Dimensions shown in inches and (millimeters)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AA
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
45°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
85
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2441)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
Figure 40. 8-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-8)
Dimensions in millimeters and (inches)
COMPLIANT TO JEDEC STANDARDS MO-187-AA
0.80
0.55
0.40
4
8
1
5
0.65 BSC
0.40
0.25
1.10 MAX
3.20
3.00
2.80
COPLANARITY
0.10
0.23
0.09
3.20
3.00
2.80
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 41. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters


Podobny numer części - AD5220BRZ50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5220BR10 AD-AD5220BR10 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5220BR100 AD-AD5220BR100 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5220BR50 AD-AD5220BR50 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5220BRM10 AD-AD5220BRM10 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5220BRM100 AD-AD5220BRM100 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
More results

Podobny opis - AD5220BRZ50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5220BNZ10 AD-AD5220BNZ10 Datasheet
679Kb / 11P
   Increment/Decrement Digital Potentiometer
REV. A
AD5220 AD-AD5220 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5222 AD-AD5222 Datasheet
173Kb / 10P
   Increment/Decrement Dual Digital Potentiometer
REV. 0
AD5220 AD-AD5220_15 Datasheet
679Kb / 11P
   Increment Decrement Digital Potentionmeter
REV. A
logo
ON Semiconductor
CAT5133 ONSEMI-CAT5133 Datasheet
169Kb / 9P
   16 Volt Digital Potentiometer (POT) with 128 Taps and an Increment Decrement Interface
July, 2013 ??Rev. 5
CAT5133ZI-10-GT3 ONSEMI-CAT5133ZI-10-GT3 Datasheet
209Kb / 10P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and an Increment Decrement Interface
Doc. No. MD-2125 Rev. D
logo
Catalyst Semiconductor
CAT5133 CATALYST-CAT5133_08 Datasheet
283Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPPTM) with 128 Taps and an Increment Decrement Interface
CAT5133 CATALYST-CAT5133 Datasheet
285Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPP TM) with 128 Taps and an Increment Decrement Interface
logo
ams AG
AS1500 AMSCO-AS1500_1 Datasheet
405Kb / 14P
   Digital Potentiometer
AS1500 AMSCO-AS1500 Datasheet
365Kb / 8P
   Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com