Zakładka z wyszukiwarką danych komponentów |
|
AD9106BCPZ Arkusz danych(PDF) 11 Page - Analog Devices |
|
AD9106BCPZ Arkusz danych(HTML) 11 Page - Analog Devices |
11 / 48 page Data Sheet AD9106 Rev. A | Page 11 of 48 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS 24 FSADJ2/CAL_SENSE 23 CLKVDD 22 CLDO 21 CLKP 20 CLKN 19 CLKGND 18 REFIO 17 FSADJ4 1 2 3 4 5 6 7 8 SCLK SDIO DGND DLDO2 DVDD DLDO1 SDO/SDI2/DOUT CS TOP VIEW (Not to Scale) AD9106 NOTES 1. THE EXPOSED PAD MUST BE CONNECTED TO DGND. Figure 2. Pin Configuration Table 11. Pin Function Descriptions Pin No. Mnemonic Description 1 SCLK SPI Clock Input. 2 SDIO SPI Data Input/Output. Primary bidirectional data line for the SPI port. 3 DGND Digital Ground. 4 DLDO2 1.8 V Internal Digital LDO1 Output. When the internal digital LDO1 is enabled, this pin should be bypassed with a 0.1 µF capacitor. 5 DVDD 3.3 V External Digital Power Supply. DVDD defines the level of the digital interface of the AD9106 (SPI interface). 6 DLDO1 1.8 V Internal Digital LDO2 Outputs. When the internal digital LDO2 is enabled, this pin should be bypassed with a 0.1 µFcapacitor. 7 SDO/SDI2/DOUT Digital I/O Pin. In 4-wire SPI mode, this pin outputs the data from the SPI. In double SPI mode, this pin is a second data input line, SDI2, for the SPI port used to write to the SRAM. In data output mode, this terminal is a programmable pulse output. 8 AA CSEE SPI Port Chip Select, Active Low. 9 AA RESETEE Active Low Reset Pin. Resets registers to their default values. 10 IOUTP4 DAC4 Current Output, Positive Side. 11 IOUTN4 DAC4 Current Output, Negative Side. 12 AVDD2 1.8 V to 3.3 V Power Supply Input for DAC3 and DAC4. 13 IOUTN3 DAC3 Current Output, Negative Side. 14 IOUTP3 DAC3 Current Output, Positive Side. 15 AGND Analog Ground. 16 FSADJ3 External Full-Scale Current Output Adjust for DAC3. 17 FSADJ4 External Full-Scale Current Output Adjust for DAC4. 18 REFIO DAC Voltage Reference Input/Output. 19 CLKGND Clock Ground. 20 CLKN Clock Input, Negative Side. 21 CLKP Clock Input, Positive Side. 22 CLDO Clock Power Supply Output (Internal Regulator in Use), Clock Power Supply Input (Internal Regulator Bypassed). 23 CLKVDD Clock Power Supply Input. 24 FSADJ2/CAL_SENSE External Full-Scale Current Output Adjust for DAC2 or Sense Input for Automatic IOUTFS Calibration. 25 FSADJ1 External Full-Scale Current Output Adjust for DAC1 or Full-Scale Current Output Adjust Reference for Automatic IOUTFS Calibration. 26 AGND Analog Ground. 27 IOUTP1 DAC1 Current Output, Positive Side. |
Podobny numer części - AD9106BCPZ |
|
Podobny opis - AD9106BCPZ |