Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-3300 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części HLMP-3300
Szczegółowy opis  T-1 3/4 (5 mm) SOLID STATE LAMPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HLMP-3300 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  HLMP-3300 Datasheet HTML 1Page - Fairchild Semiconductor HLMP-3300 Datasheet HTML 2Page - Fairchild Semiconductor HLMP-3300 Datasheet HTML 3Page - Fairchild Semiconductor HLMP-3300 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
T-1 3/4 (5 mm)
SOLID STATE LAMPS
0.040 (1.02)
0.200 (5.08)
0.180 (4.57)
0.050 (1.27)
REF.
0.100 (2.54)
SEE
NOTES
1.00 (25.4)
MIN
C
L
0.100 (2.54)
REF.
Ø 0.230 (5.84)
0.023 (0.58)
0.017 (0.43)
SQ. TYP. (2X)
0.050 (1.27)
FLAT DENOTES
CATHODE
PACKAGE DIMENSIONS
HIGH EFF. RED
HLMP-3300
HIGH EFF. RED
HLMP-3315
HIGH EFF. RED
HLMP-3301
HIGH EFF. RED
HLMP-3316
STANDARD RED
FLV110
DESCRIPTION
The HLMP-33XX series consists of high efficiency red T-1 3/4
lamps with a viewing angle of 35° or 65°. FLV110 is a low profile
standard red T-1 3/4 lamp with a diffused lens, providing a
viewing angle of 70°.
FEATURES
• Popular, general purpose lamps
• Wide and narrow viewing angle devices for direct
view or backlighting
• Solid state reliability
• Sturdy leads for easy assembly
Parameter
HLMP33XX
FLV110
UNITS
Power Dissipation
135
135
mW
Average Forward Current
30
30
mA
Peak Forward Current
(1
µS pulsewidth, 0.3% duty cycle)(FLV110 1 amp)
90
90
mA
Reverse Voltage
5
5
V
Lead Soldering Time at 260
° C
5
5
sec
Operating Temperature
-55 to +100
-55 to +100
°C
Storage Temperature
-55 to +100
-55 to +100
°C
ABSOLUTE MAXIMUM RATING (TA =25°C)
NOTES:
1. ALL DIMENSIONS ARE IN INCHES (mm).
2. TOLERANCES ARE ±.010” INCH UNLESS SPECIFIED.
3. AN EPOXY MENISCUS MAY EXTEND ABOUT .040”
(1 mm) DOWN THE LEADS.
4. DIMENSIONS X.
PACKAGE HEIGHT HLMP = .330 (8.38)/.350 (8.89)
FLV
= .275 (6.98)/.295 (7.49)
5. FLV FLANGE HEIGHT = 0.040 (1.02)
0.060 (1.53)
 2001 Fairchild Semiconductor Corporation
DS300005
2/27/01
1 OF 4
www.fairchildsemi.com


Podobny numer części - HLMP-3300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
QT Optoelectronics
HLMP-3300 QT-HLMP-3300 Datasheet
199Kb / 3P
   SECOND SOURCE T-1 3/4 SOLID STATE LAMPS
More results

Podobny opis - HLMP-3300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Everlight Electronics C...
FLV110 EVERLIGHT-FLV110 Datasheet
366Kb / 4P
   T-1 3/4 (5 mm) SOLID STATE LAMPS
logo
Fairchild Semiconductor
MV5433 FAIRCHILD-MV5433 Datasheet
150Kb / 4P
   3 LEAD BICOLOR T-1 3/4 (5 mm) SOLID STATE LAMPS
MV5439A FAIRCHILD-MV5439A Datasheet
160Kb / 4P
   3 LEAD BICOLOR T-1 3/4 (5 mm) SOLID STATE LAMPS
logo
Kingbright Corporation
L453ID KINGBRIGHT-L453ID Datasheet
123Kb / 4P
   T-1 3/4 SOLID STATE LAMPS
L-53ID KINGBRIGHT-L-53ID Datasheet
86Kb / 3P
   T-1 3/4 (5 mm) SOLID STATE LAMP
logo
Fairchild Semiconductor
HLMP-3X50A FAIRCHILD-HLMP-3X50A Datasheet
179Kb / 4P
   T-1 3/4 (5mm) SOLID STATE LAMPS
HLMP-D600 FAIRCHILD-HLMP-D600 Datasheet
107Kb / 4P
   T-1 3/4 5mm SOLID STATE LAMPS
logo
QT Optoelectronics
HLMP-D600 QT-HLMP-D600 Datasheet
245Kb / 3P
   T-1 3/4 (5mm) SOLID STATE LAMPS
logo
Kingbright Corporation
L63ID KINGBRIGHT-L63ID Datasheet
148Kb / 5P
   T-1 3/4 (5MM) SOLID STATE LAMPS
L53HD KINGBRIGHT-L53HD Datasheet
209Kb / 7P
   T-1 3/4(5mm) SOLID STATE LAMPS
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com