Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DZ2J110 Arkusz danych(PDF) 1 Page - Panasonic Semiconductor

Numer części DZ2J110
Szczegółowy opis  Silicon epitaxial planar type For constant voltage / For surge absorption circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DZ2J110 Arkusz danych(HTML) 1 Page - Panasonic Semiconductor

  DZ2J110 Datasheet HTML 1Page - Panasonic Semiconductor DZ2J110 Datasheet HTML 2Page - Panasonic Semiconductor DZ2J110 Datasheet HTML 3Page - Panasonic Semiconductor DZ2J110 Datasheet HTML 4Page - Panasonic Semiconductor DZ2J110 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product Standards
Zener Diode
DZ2J110
0L
Absolute Maximum Ratings Ta = 25
C
*1 Mounted on glass epoxy print board ( 45 mm
 45 mm  1 mm )
Solder in ( Recommended land pattern )
*2 Test method : IEC61000_4_2
( C = 150 pF, R = 330
, Contact discharge : 10 times )
Electrical Characteristics Ta = 25
C  3 C
Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 Measuring methods for Diodes.
Absolute frequency of input and output is 5 MHz.
The temperature must be controlled 25
C for VZ mesurement.
VZ value measured at other temperature must be adjusted to VZ (25
C).
VZ guaranted 20 ms after current flow
Rank classification
Tj = 25
C to 150 C
Page
60
Zener rise operating resistance
RZK
IZ = 0.5 mA
Internal Connection
8.3
mV/
C
V
30
10.45
Max
11.55
1.0
V
Parameter
Symbol
Conditions
Forward voltage
VF
IF = 10 mA
Unit
1of 4
Unit: mm
Min
Typ
SMini2-F5-B
JEITA
SC-90A
2. Anode
Low zener operating resistance Rz
Excellent rising characteristics of zener current Iz
Halogen-free / RoHS compliant
DZ2J110
0L
Silicon epitaxial planar type
For constant voltage / For surge absorption circuit
Features
(EU RoHS / UL-94 V-0 / MSL:Level 1 compliant)
Marking Symbol: PJ or PU
Code
1. Cathode
Panasonic
Parameter
Symbol
Rating
Unit
Packaging
Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
SZ
IZ = 5 mA
Zener voltage
*1, *2
VZ
IZ = 5 mA
Zener operating resistance
RZ
IZ = 5 mA
Reverse current
C
Repetitive peak forward current
IFRM
200
mA
Storage temperature
Tstg
-55 to
kV
+150
+85
8
Total power dissipation
*1
PT
200
Junction temperature
Tj
150
Electrostatic discharge
*2
mW
Operating ambient temperature
Topr
-40 to
C
C
ESD
0.05
A
IR
VR = 8 V
11.55
11.28
Marking symbol
PU
PJ
VZ
10.73
to
10.45
to
Code
M
0
Rank
M
No-rank
Note)
Note) 1.
2.
Temperature coefficient of zener voltage
*3
*3
3. *1
*2
1.25
0.7
0.13
0.35
0.5
2
1
1
2
Doc No. TT4-EA-11553
Revision. 3
Established : 2009-10-14
Revised
: 2013-07-11


Podobny numer części - DZ2J110

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
DZ2J110M0L PANASONIC-DZ2J110M0L Datasheet
334Kb / 5P
   Silicon epitaxial planar type
More results

Podobny opis - DZ2J110

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Battery Group
DZ2J030M0L PANASONICBATTERY-DZ2J030M0L Datasheet
334Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
logo
Panasonic Semiconductor
DZ2J047X0L PANASONIC-DZ2J047X0L Datasheet
333Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2J220 PANASONIC-DZ2J220 Datasheet
312Kb / 4P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2J047M0L PANASONIC-DZ2J047M0L Datasheet
341Kb / 5P
   Silicon epitaxial planar type For constant voltage For surge absorption circuit
logo
Panasonic Battery Group
DZ2J220M0L PANASONICBATTERY-DZ2J220M0L Datasheet
336Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
logo
Panasonic Semiconductor
DZ2J140 PANASONIC-DZ2J140 Datasheet
312Kb / 4P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2J130X0L PANASONIC-DZ2J130X0L Datasheet
335Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2J100 PANASONIC-DZ2J100 Datasheet
312Kb / 4P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2J033X0L PANASONIC-DZ2J033X0L Datasheet
334Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2J150 PANASONIC-DZ2J150 Datasheet
312Kb / 4P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com