Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5324BRM Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD5324BRM
Szczegółowy opis  2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5324BRM Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD5324BRM Datasheet HTML 5Page - Analog Devices AD5324BRM Datasheet HTML 6Page - Analog Devices AD5324BRM Datasheet HTML 7Page - Analog Devices AD5324BRM Datasheet HTML 8Page - Analog Devices AD5324BRM Datasheet HTML 9Page - Analog Devices AD5324BRM Datasheet HTML 10Page - Analog Devices AD5324BRM Datasheet HTML 11Page - Analog Devices AD5324BRM Datasheet HTML 12Page - Analog Devices AD5324BRM Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD5304/AD5314/AD5324
Rev. H | Page 9 of 24
0.50
0
–0.50
0.25
–0.25
01
23
4
5
VREF (V)
TA = 25°C
VDD = 5V
MAX INL
MAX DNL
MIN INL
MIN DNL
Figure 11. AD5304 INL and DNL Error vs. VREF
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
–40
120
80
40
0
TEMPERATURE (°C)
MAX INL
MAX DNL
MIN INL
MIN DNL
VDD = 5V
VREF = 3V
Figure 12. AD5304 INL Error and DNL Error vs. Temperature
1.0
–1.0
–0.5
0
0.5
–40
120
80
40
0
TEMPERATURE (°C)
VDD = 5V
VREF = 2V
GAIN ERROR
OFFSET ERROR
Figure 13. AD5304 Offset Error and Gain Error vs. Temperature
0.2
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
06
5
4
3
2
1
VDD (V)
GAIN ERROR
OFFSET ERROR
TA = 25°C
VREF = 2V
Figure 14. Offset Error and Gain Error vs. VDD
5
0
4
3
2
1
06
5
4
3
2
1
SINK/SOURCE CURRENT (mA)
5V SOURCE
3V SOURCE
5V SINK
3V SINK
Figure 15. VOUT Source and Sink Current Capability
600
500
400
300
200
100
0
ZERO SCALE
FULL SCALE
CODE
TA = 25°C
VDD = 5V
VREF = 2V
Figure 16. Supply Current vs. DAC Code


Podobny numer części - AD5324BRM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5324BRM AD-AD5324BRM Datasheet
607Kb / 24P
   Quad Voltage Output DACs
AD5324BRM-REEL7 AD-AD5324BRM-REEL7 Datasheet
607Kb / 24P
   Quad Voltage Output DACs
AD5324BRMZ AD-AD5324BRMZ Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5324BRMZ AD-AD5324BRMZ Datasheet
607Kb / 24P
   Quad Voltage Output DACs
AD5324BRMZ-REEL AD-AD5324BRMZ-REEL Datasheet
607Kb / 24P
   Quad Voltage Output DACs
More results

Podobny opis - AD5324BRM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5324BRMZ AD-AD5324BRMZ Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5304ARM AD-AD5304ARM Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5324 AD-AD5324_15 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5304 AD-AD5304_15 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5314 AD-AD5314_15 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5344BRUZ AD-AD5344BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5336BRUZ AD-AD5336BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334 AD-AD5334_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5344 AD-AD5344_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5307BRU AD-AD5307BRU Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 關A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com