Zakładka z wyszukiwarką danych komponentów |
|
AD22105ARZ Arkusz danych(PDF) 3 Page - Analog Devices |
|
AD22105ARZ Arkusz danych(HTML) 3 Page - Analog Devices |
3 / 8 page AD22105 REV. 0 –3– ABSOLUTE MAXIMUM RATINGS* Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . +11 V Maximum Output Voltage (Pin 2) . . . . . . . . . . . . . . . . +11 V Maximum Output Current (Pin 2) . . . . . . . . . . . . . . . 10 mA Operating Temperature Range . . . . . . . . . . –50 °C to +150°C Dice Junction Temperature . . . . . . . . . . . . . . . . . . . . +160 °C Storage Temperature Range . . . . . . . . . . . . –65 °C to +160°C Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . +300 °C *Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ORDERING GUIDE Package Package Model Description Option AD22105AR 8-Lead SOIC SO-8 AD22105AR-REEL7 8-Lead SOIC SO-8 PIN CONFIGURATION 1 2 3 4 8 7 6 5 NC = NO CONNECT AD22105 RPULL-UP NC RSET VS NC OUT GND NC TOP VIEW (Not to Scale) PIN DESCRIPTION Pin No. Description 1RPULL-UP, Internal 200 kΩ (Optional) 2 OUT 3 GND 4 No Connection 5 No Connection 6RSET, Temperature Setpoint Resistor 7VS 8 No Connection WARNING! ESD SENSITIVE DEVICE CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD22105 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Podobny numer części - AD22105ARZ |
|
Podobny opis - AD22105ARZ |