Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HUFA75309T3ST Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części HUFA75309T3ST
Szczegółowy opis  3A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75309T3ST Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  HUFA75309T3ST Datasheet HTML 1Page - Fairchild Semiconductor HUFA75309T3ST Datasheet HTML 2Page - Fairchild Semiconductor HUFA75309T3ST Datasheet HTML 3Page - Fairchild Semiconductor HUFA75309T3ST Datasheet HTML 4Page - Fairchild Semiconductor HUFA75309T3ST Datasheet HTML 5Page - Fairchild Semiconductor HUFA75309T3ST Datasheet HTML 6Page - Fairchild Semiconductor HUFA75309T3ST Datasheet HTML 7Page - Fairchild Semiconductor HUFA75309T3ST Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75309T3ST Rev. B
Absolute Maximum Ratings
TA = 25
oC, Unless Otherwise Specified
HUFA75309T3ST
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
55
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
55
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±20V
V
Drain Current
Continuous (Note 2) (Figure 2). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID
Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
3
Figure 5
A
Pulsed Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
Figures 6, 14, 15
Power Dissipation (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.1
9.09
W
mW/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 125oC.
Electrical Specifications
TA = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 11)
55
-
-
V
Gate to Source Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA (Figure 10)
2
-
4
V
Zero Gate Voltage Drain Current
IDSS
VDS = 50V, VGS = 0V
-
-
1
µA
VDS = 45V, VGS = 0V, TA = 150
oC
-
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±20V
-
-
100
nA
Drain to Source On Resistance
rDS(ON)
ID = 3A, VGS = 10V (Figure 9)
-
0.057
0.070
Turn-On Time
tON
VDD = 30V, ID ≅ 3A, RL = 10Ω,
VGS = 10V, RGS = 28Ω
-
-
45
ns
Turn-On Delay Time
td(ON)
-8
-
ns
Rise Time
tr
-20-
ns
Turn-Off Delay Time
td(OFF)
-12-
ns
Fall Time
tf
-28-
ns
Turn-Off Time
tOFF
-
-
65
ns
Total Gate Charge
Qg(TOT)
VGS = 0V to 20V
VDD = 30V, ID ≅ 3A,
RL = 10Ω
Ig(REF) = 1.0mA
(Figure 13)
-19
23
nC
Gate Charge at 10V
Qg(10)
VGS = 0V to 10V
-
10.7
13
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 2V
-
0.71
0.85
nC
Gate to Source Gate Charge
Qgs
-1.40-
nC
Gate to Drain “Miller” Charge
Qgd
-4.80-
nC
Input Capacitance
CISS
VDS = 25V, VGS = 0V, f = 1MHz
(Figure 12)
-
352
-
pF
Output Capacitance
COSS
-
146
-
pF
Reverse Transfer Capacitance
CRSS
-30-
pF
Thermal Resistance Junction to Ambient
RθJA
Pad Area = 0.164 in2 (See note 2)
-
-
110
oC/W
Pad Area = 0.068 in2 (See TB377)
-
-
126
oC/W
Pad Area = 0.026 in2 (See TB377)
-
-
143
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 3A
-
-
1.25
V
Reverse Recovery Time
trr
ISD = 3A, dISD/dt = 100A/µs-
-
41
ns
Reverse Recovered Charge
QRR
ISD = 3A, dISD/dt = 100A/µs-
-
59
nC
NOTE:
2. 110oC/W measured using FR-4 board with 0.164 in2 footprint for 1000 seconds.
HUFA75309T3ST


Podobny numer części - HUFA75309T3ST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HUFA75309D3 FAIRCHILD-HUFA75309D3 Datasheet
217Kb / 10P
   19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75309D3S FAIRCHILD-HUFA75309D3S Datasheet
217Kb / 10P
   19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75309P3 FAIRCHILD-HUFA75309P3 Datasheet
217Kb / 10P
   19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
More results

Podobny opis - HUFA75309T3ST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HUF75309T3ST INTERSIL-HUF75309T3ST Datasheet
88Kb / 8P
   3A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75309T3ST FAIRCHILD-HUF75309T3ST Datasheet
186Kb / 9P
   3A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HUF75309P3 INTERSIL-HUF75309P3 Datasheet
102Kb / 9P
   19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUFA75309P3 FAIRCHILD-HUFA75309P3 Datasheet
217Kb / 10P
   19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
HUF75309P3 FAIRCHILD-HUF75309P3 Datasheet
218Kb / 10P
   19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75307T3ST FAIRCHILD-HUFA75307T3ST Datasheet
174Kb / 9P
   2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HRFZ44N INTERSIL-HRFZ44N Datasheet
134Kb / 9P
   49A, 55V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
logo
Fairchild Semiconductor
HRFZ44N FAIRCHILD-HRFZ44N Datasheet
193Kb / 10P
   49A, 55V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
HUF75307T3ST FAIRCHILD-HUF75307T3ST Datasheet
175Kb / 9P
   2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HUF75307T3ST INTERSIL-HUF75307T3ST Datasheet
325Kb / 8P
   2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com