Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HUFA75329S3ST Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części HUFA75329S3ST
Szczegółowy opis  49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75329S3ST Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  HUFA75329S3ST Datasheet HTML 1Page - Fairchild Semiconductor HUFA75329S3ST Datasheet HTML 2Page - Fairchild Semiconductor HUFA75329S3ST Datasheet HTML 3Page - Fairchild Semiconductor HUFA75329S3ST Datasheet HTML 4Page - Fairchild Semiconductor HUFA75329S3ST Datasheet HTML 5Page - Fairchild Semiconductor HUFA75329S3ST Datasheet HTML 6Page - Fairchild Semiconductor HUFA75329S3ST Datasheet HTML 7Page - Fairchild Semiconductor HUFA75329S3ST Datasheet HTML 8Page - Fairchild Semiconductor HUFA75329S3ST Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©2002 Fairchild Semiconductor Corporation
HUFA75329G3, HUFA75329P3, HUFA75329S3S Rev. A
CAPACITANCE SPECIFICATIONS
Input Capacitance
CISS
VDS = 25V, VGS = 0V,
f = 1MHz
(Figure 12)
-1060
-
pF
Output Capacitance
COSS
-405
-
pF
Reverse Transfer Capacitance
CRSS
-95
-
pF
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 49A
-
-
1.25
V
Reverse Recovery Time
trr
ISD = 49A, dISD/dt = 100A/µs-
-
72
ns
Reverse Recovered Charge
QRR
ISD = 49A, dISD/dt = 100A/µs
-
-
120
nC
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
TC, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
175
TC, CASE TEMPERATURE (
oC)
10
20
30
50
50
75
100
125
150
175
0
25
40
60
t , RECTANGULAR PULSE DURATION (s)
SINGLE PULSE
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
DUTY CYCLE - DESCENDING ORDER
0.5
0.2
0.1
0.05
0.01
0.02
10-4
10-3
10-2
10-1
100
101
10-5
0.1
1
2
0.01
HUFA75329G3, HUFA75329P3, HUFA75329S3S


Podobny numer części - HUFA75329S3ST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HUFA75329D3 FAIRCHILD-HUFA75329D3 Datasheet
311Kb / 10P
   20A, 55V, 0.026 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75329D3S FAIRCHILD-HUFA75329D3S Datasheet
311Kb / 10P
   20A, 55V, 0.026 Ohm, N-Channel UltraFET Power MOSFETs
More results

Podobny opis - HUFA75329S3ST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HUF75329G3 INTERSIL-HUF75329G3 Datasheet
173Kb / 9P
   49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75329G3 FAIRCHILD-HUF75329G3 Datasheet
252Kb / 10P
   49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
HRFZ44N FAIRCHILD-HRFZ44N Datasheet
193Kb / 10P
   49A, 55V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HRFZ44N INTERSIL-HRFZ44N Datasheet
134Kb / 9P
   49A, 55V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA75321P3 FAIRCHILD-HUFA75321P3 Datasheet
234Kb / 10P
   35A, 55V, 0.034 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75332G3 FAIRCHILD-HUFA75332G3 Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75345G3 FAIRCHILD-HUFA75345G3 Datasheet
579Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75309P3 INTERSIL-HUF75309P3 Datasheet
102Kb / 9P
   19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
HUF75343G3 INTERSIL-HUF75343G3 Datasheet
98Kb / 9P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUFA75307P3 FAIRCHILD-HUFA75307P3 Datasheet
217Kb / 10P
   15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com