Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HUFA75345P3 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części HUFA75345P3
Szczegółowy opis  75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75345P3 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  HUFA75345P3 Datasheet HTML 1Page - Fairchild Semiconductor HUFA75345P3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA75345P3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA75345P3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA75345P3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA75345P3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA75345P3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA75345P3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA75345P3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2003 Fairchild Semiconductor Corporation
HUFA75345G3, HUFA75345P3, HUFA75345S3S Rev. B1
HUFA75345G3, HUFA75345P3, HUFA75345S3S
75A, 55V, 0.007 Ohm, N-Channel UltraFET
Power MOSFETs
These N-Channel power MOSFETs
are manufactured using the
innovative UltraFET® process. This
advanced process technology
achieves the lowest possible on-resistance per silicon area,
resulting in outstanding performance. This device is capable
of withstanding high energy in the avalanche mode and the
diode exhibits very low reverse recovery time and stored
charge. It was designed for use in applications where power
efficiency is important, such as switching regulators,
switching converters, motor drivers, relay drivers, low-
voltage bus switches, and power management in portable
and battery-operated products.
Formerly developmental type TA75345.
Features
• 75A, 55V
• Simulation Models
- Temperature Compensated PSPICE® and SABER™
Models
- Thermal Impedance SPICE and SABER Models
Available on the WEB at: www.fairchildsemi.com
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
- TB334, “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
This product has been designed to meet the extreme test conditions and environment demanded by the automotive industry. For a copy
of the requirements, see AEC Q101 at: http://www.aecouncil.com/
Reliability data can be found at: http://www.fairchildsemi.com/products/discrete/reliability/index.html.
All Fairchild semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality systems certification.
Ordering Information
PART NUMBER
PACKAGE
BRAND
HUFA75345G3
TO-247
75345G
HUFA75345P3
TO-220AB
75345P
HUFA75345S3S
TO-263AB
75345S
NOTE: When ordering, use the entire part number. Add the suffix T to
obtain the TO-263AB variant in tape and reel, e.g., HUFA75345S3ST.
D
G
S
JEDEC STYLE TO-247
JEDEC TO-220AB
JEDEC TO-263AB
SOURCE
DRAIN
GATE
DRAIN
(TAB)
DRAIN
SOURCE
GATE
DRAIN
(FLANGE)
GATE
SOURCE
DRAIN
(FLANGE)
Data Sheet
June 2003


Podobny numer części - HUFA75345P3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HUFA75343G3 FAIRCHILD-HUFA75343G3 Datasheet
209Kb / 10P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75343P3 FAIRCHILD-HUFA75343P3 Datasheet
209Kb / 10P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75343S3S FAIRCHILD-HUFA75343S3S Datasheet
209Kb / 10P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75344G3 FAIRCHILD-HUFA75344G3 Datasheet
336Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75344G3 FAIRCHILD-HUFA75344G3 Datasheet
323Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
More results

Podobny opis - HUFA75345P3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HUF75345G3 FAIRCHILD-HUF75345G3 Datasheet
286Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75345G3 INTERSIL-HUF75345G3 Datasheet
100Kb / 9P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
HUF75343G3 INTERSIL-HUF75343G3 Datasheet
98Kb / 9P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75344G3 FAIRCHILD-HUF75344G3_04 Datasheet
307Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUF75337G3 FAIRCHILD-HUF75337G3 Datasheet
226Kb / 10P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
HUF75339G3 FAIRCHILD-HUF75339G3 Datasheet
292Kb / 9P
   75A, 55V, 0.012 Ohm, N-Channel UltraFET Power MOSFETs
HUF75343G3 FAIRCHILD-HUF75343G3 Datasheet
283Kb / 10P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75343G3 FAIRCHILD-HUFA75343G3 Datasheet
209Kb / 10P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75344G3 FAIRCHILD-HUFA75344G3_04 Datasheet
323Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75337G3 FAIRCHILD-HUFA75337G3 Datasheet
225Kb / 10P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com