Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HUFA75433S3ST Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części HUFA75433S3ST
Szczegółowy opis  N-Channel UltraFET MOSFETs 60V, 64A, 16m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75433S3ST Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

Back Button HUFA75433S3ST Datasheet HTML 3Page - Fairchild Semiconductor HUFA75433S3ST Datasheet HTML 4Page - Fairchild Semiconductor HUFA75433S3ST Datasheet HTML 5Page - Fairchild Semiconductor HUFA75433S3ST Datasheet HTML 6Page - Fairchild Semiconductor HUFA75433S3ST Datasheet HTML 7Page - Fairchild Semiconductor HUFA75433S3ST Datasheet HTML 8Page - Fairchild Semiconductor HUFA75433S3ST Datasheet HTML 9Page - Fairchild Semiconductor HUFA75433S3ST Datasheet HTML 10Page - Fairchild Semiconductor HUFA75433S3ST Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A
PSPICE Electrical Model
.SUBCKT HUFA75433S3S
February 2002
CA 12 8 2.5e-9
CB 15 14 2.8e-9
CIN 6 8 1.4e-9
DBODY 7 5 DBODYMOD
DBREAK 5 11 DBREAKMOD
DPLCAP 10 5 DPLCAPMOD
EBREAK 11 7 17 18 65.5
EDS 14 8 5 8 1
EGS 13 8 6 8 1
ESG 6 10 6 8 1
EVTHRES 6 21 19 8 1
EVTEMP 20 6 18 22 1
IT 8 17 1
LGATE 1 9 6.57e-9
LDRAIN 2 5 1e-9
LSOURCE 3 7 3.4e-9
RLGATE 1 9 65.7
RLDRAIN 2 5 10
RLSOURCE 3 7 34
MMED 16 6 8 8 MMEDMOD
MSTRO 16 6 8 8 MSTROMOD
MWEAK 16 21 8 8 MWEAKMOD
RBREAK 17 18 RBREAKMOD 1
RDRAIN 50 16 RDRAINMOD 2.7e-3
RGATE 9 20 1.53
RSLC1 5 51 RSLCMOD 1e-6
RSLC2 5 50 1e3
RSOURCE 8 7 RSOURCEMOD 6.9e-3
RVTHRES 22 8 RVTHRESMOD 1
RVTEMP 18 19 RVTEMPMOD 1
S1A 6 12 13 8 S1AMOD
S1B 13 12 13 8 S1BMOD
S2A 6 15 14 13 S2AMOD
S2B 13 15 14 13 S2BMOD
VBAT 22 19 DC 1
ESLC 51 50 VALUE={(V(5,51)/ABS(V(5,51)))*(PWR(V(5,51)/(1e-6*215),2.5))}
.MODEL DBODYMOD D (IS = 1.3e-12 RS = 3.05e-3 TRS1 = 2.4e-3 TRS2 = 1.5e-7 CJO = 1.92e-9 TT = 5e-9 M = 0.50 XTI=4.5)
.MODEL DBREAKMOD D (RS = 2.2 TRS1 = 2.4e-3 TRS2 = -2e-5)
.MODEL DPLCAPMOD D (CJO = 1.93e-9 IS = 1e-30 N = 10 M = 0.79)
.MODEL MmedMOD NMOS (VTO=2.93 KP=2.6 IS=1e-30 N=10 TOX=1 L=1u W=1u RG=1.53)
.MODEL MstroMOD NMOS (VTO=3.55 KP=70 IS=1e-30 N=10 TOX=1 L=1u W=1u)
.MODEL MweakMOD NMOS (VTO=2.62 KP=0.05 IS=1e-30 N=10 TOX=1 L=1u W=1u RG=15.3 RS=0.1)
.MODEL RBREAKMOD RES (TC1 =1.2e-3 TC2 = -1.7e-8)
.MODEL RDRAINMOD RES (TC1 = 2e-2 TC2 = 5.1e-5)
.MODEL RSLCMOD RES (TC1 = 3e-3 TC2 = 2.9e-6)
.MODEL RSOURCEMOD RES (TC1 = 1e-3 TC2 = 1e-6)
.MODEL RVTEMPMOD RES (TC1 = -2.8e-3 TC2 = 1e-6)
.MODEL RVTHRESMOD RES (TC1 = -2.1e-3 TC2 = -1.1e-5)
.MODEL S1AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -6 VOFF= -3)
.MODEL S1BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -3 VOFF= -6)
.MODEL S2AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -0.4 VOFF= 0.3)
.MODEL S2BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = 0.3 VOFF= -0.4)
.ENDS
Note: For further discussion of the PSPICE model, consult A New PSPICE Sub-Circuit for the Power MOSFET Featuring Global
Temperature Options; IEEE Power Electronics Specialist Conference Records, 1991, written by William J. Hepp and C. Frank
Wheatley.
18
22
+
-
6
8
+
-
5
51
19
8
+
-
17
18
6
8
+
-
5
8
+
-
RBREAK
RVTEMP
VBAT
RVTHRES
IT
17
18
19
22
12
13
15
S1A
S1B
S2A
S2B
CA
CB
EGS
EDS
14
8
13
8
14
13
MWEAK
EBREAK
DBODY
RSOURCE
SOURCE
11
7
3
LSOURCE
RLSOURCE
CIN
RDRAIN
EVTHRES
16
21
8
MMED
MSTRO
DRAIN
2
LDRAIN
RLDRAIN
DBREAK
DPLCAP
ESLC
RSLC1
10
5
51
50
RSLC2
1
GATE
RGATE
EVTEMP
9
ESG
LGATE
RLGATE
20
+
-
+
-
+
-
6


Podobny numer części - HUFA75433S3ST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HUFA75429D3S FAIRCHILD-HUFA75429D3S Datasheet
290Kb / 11P
   N-Channel UltraFET MOSFETs 60V, 20A, 25m?
HUFA75429D3ST FAIRCHILD-HUFA75429D3ST Datasheet
290Kb / 11P
   N-Channel UltraFET MOSFETs 60V, 20A, 25m?
More results

Podobny opis - HUFA75433S3ST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HUFA76437P3 FAIRCHILD-HUFA76437P3 Datasheet
215Kb / 10P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Shindengen Electric Mfg...
P64LF6QNK SHINDENGEN-P64LF6QNK Datasheet
1Mb / 7P
   Power MOSFETs 60V, 64A, N-channel
P64LF6QLK SHINDENGEN-P64LF6QLK Datasheet
1Mb / 7P
   Power MOSFETs 60V, 64A, N-channel
P64LF6QN SHINDENGEN-P64LF6QN Datasheet
1Mb / 7P
   Power MOSFETs 60V, 64A, N-channel
P64LF6QL SHINDENGEN-P64LF6QL Datasheet
1Mb / 7P
   Power MOSFETs 60V, 64A, N-channel
logo
Intersil Corporation
HUF76437P3 INTERSIL-HUF76437P3 Datasheet
108Kb / 9P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA75429D3S FAIRCHILD-HUFA75429D3S Datasheet
290Kb / 11P
   N-Channel UltraFET MOSFETs 60V, 20A, 25m?
HUF76437P3 FAIRCHILD-HUF76437P3 Datasheet
217Kb / 10P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
FDA2712 FAIRCHILD-FDA2712 Datasheet
353Kb / 8P
   N-Channel UltraFET Trench MOSFET 250V, 64A, 34m廓
HUFA76432P3 FAIRCHILD-HUFA76432P3 Datasheet
216Kb / 10P
   55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com