Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33063AP1G Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC33063AP1G
Szczegółowy opis  1.5 A, Step-Up/Down/ Inverting Switching Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33063AP1G Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC33063AP1G Datasheet HTML 1Page - ON Semiconductor MC33063AP1G Datasheet HTML 2Page - ON Semiconductor MC33063AP1G Datasheet HTML 3Page - ON Semiconductor MC33063AP1G Datasheet HTML 4Page - ON Semiconductor MC33063AP1G Datasheet HTML 5Page - ON Semiconductor MC33063AP1G Datasheet HTML 6Page - ON Semiconductor MC33063AP1G Datasheet HTML 7Page - ON Semiconductor MC33063AP1G Datasheet HTML 8Page - ON Semiconductor MC33063AP1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MC34063A, MC33063A, SC34063A, SC33063A, NCV33063A
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, TA = Tlow to Thigh [Note 4], unless otherwise specified.)
Characteristics
Symbol
Min
Typ
Max
Unit
OSCILLATOR
Frequency (VPin 5 = 0 V, CT = 1.0 nF, TA = 25°C)
fosc
24
33
42
kHz
Charge Current (VCC = 5.0 V to 40 V, TA = 25°C)
Ichg
24
35
42
mA
Discharge Current (VCC = 5.0 V to 40 V, TA = 25°C)
Idischg
140
220
260
mA
Discharge to Charge Current Ratio (Pin 7 to VCC, TA = 25°C)
Idischg/Ichg
5.2
6.5
7.5
Current Limit Sense Voltage (Ichg = Idischg, TA = 25°C)
Vipk(sense)
250
300
350
mV
OUTPUT SWITCH (Note 5)
Saturation Voltage, Darlington Connection
(ISW = 1.0 A, Pins 1, 8 connected)
VCE(sat)
1.0
1.3
V
Saturation Voltage (Note 6)
(ISW = 1.0 A, RPin 8 = 82 W to VCC, Forced b ] 20)
VCE(sat)
0.45
0.7
V
DC Current Gain (ISW = 1.0 A, VCE = 5.0 V, TA = 25°C)
hFE
50
75
Collector Off−State Current (VCE = 40 V)
IC(off)
0.01
100
mA
COMPARATOR
Threshold Voltage
TA = 25°C
TA = Tlow to Thigh
Vth
1.225
1.21
1.25
1.275
1.29
V
Threshold Voltage Line Regulation (VCC = 3.0 V to 40 V)
MC33063, MC34063
MC33063V, NCV33063
Regline
1.4
1.4
5.0
6.0
mV
Input Bias Current (Vin = 0 V)
IIB
−20
−400
nA
TOTAL DEVICE
Supply Current (VCC = 5.0 V to 40 V, CT = 1.0 nF, Pin 7 = VCC,
VPin 5 > Vth, Pin 2 = GND, remaining pins open)
ICC
4.0
mA
4. Tlow = 0°C for MC34063, SC34063; −40°C for MC33063, SC33063, MC33063V, NCV33063
Thigh = +70°C for MC34063, SC34063; +85°C for MC33063, SC33063; +125°C for MC33063V, NCV33063
5. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient temperature as possible.
6. If the output switch is driven into hard saturation (non−Darlington configuration) at low switch currents (≤ 300 mA) and high driver currents
(≥ 30 mA), it may take up to 2.0 ms for it to come out of saturation. This condition will shorten the off time at frequencies ≥ 30 kHz, and is
magnified at high temperatures. This condition does not occur with a Darlington configuration, since the output switch cannot saturate. If a
non−Darlington configuration is used, the following output drive condition is recommended:
Forced b of output switch :
IC output
IC driver – 7.0 mA *
w 10
* The 100 W resistor in the emitter of the driver device requires about 7.0 mA before the output switch conducts.


Podobny numer części - MC33063AP1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33063AP1G ONSEMI-MC33063AP1G Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC33063AP1G ONSEMI-MC33063AP1G Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063AP1G ONSEMI-MC33063AP1G Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063AP1G ONSEMI-MC33063AP1G Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC33063AP1G ONSEMI-MC33063AP1G Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results

Podobny opis - MC33063AP1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063MNTXG ONSEMI-NCP3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
logo
Guangdong Kexin Industr...
MC34063 KEXIN-MC34063 Datasheet
54Kb / 2P
   1.2 A, Step-Up/Down/Inverting Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com