Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33063MNTXG Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC33063MNTXG
Szczegółowy opis  1.5 A, Step-Up/Down/ Inverting Switching Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33063MNTXG Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC33063MNTXG Datasheet HTML 1Page - ON Semiconductor MC33063MNTXG Datasheet HTML 2Page - ON Semiconductor MC33063MNTXG Datasheet HTML 3Page - ON Semiconductor MC33063MNTXG Datasheet HTML 4Page - ON Semiconductor MC33063MNTXG Datasheet HTML 5Page - ON Semiconductor MC33063MNTXG Datasheet HTML 6Page - ON Semiconductor MC33063MNTXG Datasheet HTML 7Page - ON Semiconductor MC33063MNTXG Datasheet HTML 8Page - ON Semiconductor MC33063MNTXG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MC34063A, MC33063A, SC34063A, SC33063A, NCV33063A
http://onsemi.com
5
170
mH
L
8
180
7
Rsc
0.22
6
Vin
12 V
100
+
5
R1
2.2 k
R2
47 k
SQ
R
Q2
Q1
Ipk
OSC
CT
VCC
+
-
Comp.
1.25 V
Ref
Reg
1
2
3
4
1N5819
CT
1500
pF
330
CO
+
Vout
28 V/175 mA
Vout
1.0
mH
+
100
Optional Filter
Test
Conditions
Results
Line Regulation
Vin = 8.0 V to 16 V, IO = 175 mA
30 mV = ±0.05%
Load Regulation
Vin = 12 V, IO = 75 mA to 175 mA
10 mV = ±0.017%
Output Ripple
Vin = 12 V, IO = 175 mA
400 mVpp
Efficiency
Vin = 12 V, IO = 175 mA
87.7%
Output Ripple With Optional Filter
Vin = 12 V, IO = 175 mA
40 mVpp
Figure 9. Step−Up Converter


Podobny numer części - MC33063MNTXG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33063MNTXG ONSEMI-MC33063MNTXG Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063MNTXG ONSEMI-MC33063MNTXG Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063MNTXG ONSEMI-MC33063MNTXG Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC33063MNTXG ONSEMI-MC33063MNTXG Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results

Podobny opis - MC33063MNTXG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063MNTXG ONSEMI-NCP3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
logo
Guangdong Kexin Industr...
MC34063 KEXIN-MC34063 Datasheet
54Kb / 2P
   1.2 A, Step-Up/Down/Inverting Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com