Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HUFA75652G3 Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części HUFA75652G3
Szczegółowy opis  75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75652G3 Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button HUFA75652G3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA75652G3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA75652G3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA75652G3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA75652G3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA75652G3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA75652G3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA75652G3 Datasheet HTML 9Page - Fairchild Semiconductor HUFA75652G3 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75652G3 Rev. B
PSPICE Electrical Model
.SUBCKT HUFA75652 2 1 3 ;
rev 11 May 1999
CA 12 8 11.0e-9
CB 15 14 11.4e-9
CIN 6 8 6.95e-9
DBODY 7 5 DBODYMOD
DBREAK 5 11 DBREAKMOD
DPLCAP 10 5 DPLCAPMOD
EBREAK 11 7 17 18 117.5
EDS 14 8 5 8 1
EGS 13 8 6 8 1
ESG 6 10 6 8 1
EVTHRES 6 21 19 8 1
EVTEMP 20 6 18 22 1
IT 8 17 1
LDRAIN 2 5 1.0e-9
LGATE 1 9 5.74e-9
LSOURCE 3 7 4.65e-9
MMED 16 6 8 8 MMEDMOD
MSTRO 16 6 8 8 MSTROMOD
MWEAK 16 21 8 8 MWEAKMOD
RBREAK 17 18 RBREAKMOD 1
RDRAIN 50 16 RDRAINMOD 2.80e-3
RGATE 9 20 0.85
RLDRAIN 2 5 10
RLGATE 1 9 57.4
RLSOURCE 3 7 46.5
RSLC1 5 51 RSLCMOD 1e-6
RSLC2 5 50 1e3
RSOURCE 8 7 RSOURCEMOD 2.50e-3
RVTHRES 22 8 RVTHRESMOD 1
RVTEMP 18 19 RVTEMPMOD 1
S1A 6 12 13 8 S1AMOD
S1B 13 12 13 8 S1BMOD
S2A 6 15 14 13 S2AMOD
S2B 13 15 14 13 S2BMOD
VBAT 22 19 DC 1
ESLC 51 50 VALUE={(V(5,51)/ABS(V(5,51)))*(PWR(V(5,51)/(1e-6*455),2))}
.MODEL DBODYMOD D (IS = 6.55e-12 IKF = 30 RS = 1.69e-3 TRS1 = 1.95e-3 TRS2 = 1.05e-6 CJO = 8.71e-9 TT = 7.81e-8 M = 0.50)
.MODEL DBREAKMOD D (RS = 1.45e- 1TRS1 = 1.02e- 4TRS2 = 1.11e-7)
.MODEL DPLCAPMOD D (CJO = 1.00e- 8IS = 1e-3 0N = 1 M = 0.85)
.MODEL MMEDMOD NMOS (VTO = 2.91 KP = 6.50 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 0.85)
.MODEL MSTROMOD NMOS (VTO = 3.37 KP = 205 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u)
.MODEL MWEAKMOD NMOS (VTO = 2.56 KP = 0.10 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 8.5 )
.MODEL RBREAKMOD RES (TC1 = 1.09e- 3TC2 = 1.04e-7)
.MODEL RDRAINMOD RES (TC1 = 1.38e-2 TC2 = 3.75e-5)
.MODEL RSLCMOD RES (TC1 = 1.05e-4 TC2 = 2.13e-7)
.MODEL RSOURCEMOD RES (TC1 = 0 TC2 = 0)
.MODEL RVTHRESMOD RES (TC1 = -2.92e-3 TC2 = -1.48e-5)
.MODEL RVTEMPMOD RES (TC1 = -3.0e- 3TC2 = 1.21e-6)
.MODEL S1AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -5.0 VOFF= -3.0)
.MODEL S1BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -3.0 VOFF= -5.0)
.MODEL S2AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -2.0 VOFF= 0.0)
.MODEL S2BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = 0.0 VOFF= -2.0)
.ENDS
NOTE: For further discussion of the PSPICE model, consult A New PSPICE Sub-Circuit for the Power MOSFET Featuring Global
Temperature Options; IEEE Power Electronics Specialist Conference Records, 1991, written by William J. Hepp and C. Frank Wheatley.
18
22
+
-
6
8
+
-
5
51
19
8
+
-
17
18
6
8
+
-
5
8
+
-
RBREAK
RVTEMP
VBAT
RVTHRES
IT
17
18
19
22
12
13
15
S1A
S1B
S2A
S2B
CA
CB
EGS
EDS
14
8
13
8
14
13
MWEAK
EBREAK
DBODY
RSOURCE
SOURCE
11
7
3
LSOURCE
RLSOURCE
CIN
RDRAIN
EVTHRES
16
21
8
MMED
MSTRO
DRAIN
2
LDRAIN
RLDRAIN
DBREAK
DPLCAP
ESLC
RSLC1
10
5
51
50
RSLC2
1
GATE
RGATE
EVTEMP
9
ESG
LGATE
RLGATE
20
+
-
+
-
+
-
6
HUFA75652G3


Podobny numer części - HUFA75652G3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
HUFA75652G3 ISC-HUFA75652G3 Datasheet
373Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - HUFA75652G3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HUF75652G3 INTERSIL-HUF75652G3 Datasheet
344Kb / 9P
   75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75652G3 FAIRCHILD-HUF75652G3 Datasheet
195Kb / 10P
   75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HUF75344G3 INTERSIL-HUF75344G3 Datasheet
135Kb / 9P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75344G3 FAIRCHILD-HUF75344G3_04 Datasheet
307Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75344G3 FAIRCHILD-HUFA75344G3_04 Datasheet
323Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUF75344G3 FAIRCHILD-HUF75344G3 Datasheet
314Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75344G3 FAIRCHILD-HUFA75344G3 Datasheet
336Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
RFG75N05E INTERSIL-RFG75N05E Datasheet
53Kb / 6P
   75A, 50V, 0.008 Ohm, N-Channel Power MOSFET
HUF75645P3 INTERSIL-HUF75645P3 Datasheet
330Kb / 9P
   75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75645P3 FAIRCHILD-HUF75645P3 Datasheet
204Kb / 10P
   75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com