Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA1BFS-12V-C-5 Arkusz danych(PDF) 3 Page - Panasonic Semiconductor

Numer części CA1BFS-12V-C-5
Szczegółowy opis  AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CA1BFS-12V-C-5 Arkusz danych(HTML) 3 Page - Panasonic Semiconductor

  CA1BFS-12V-C-5 Datasheet HTML 1Page - Panasonic Semiconductor CA1BFS-12V-C-5 Datasheet HTML 2Page - Panasonic Semiconductor CA1BFS-12V-C-5 Datasheet HTML 3Page - Panasonic Semiconductor CA1BFS-12V-C-5 Datasheet HTML 4Page - Panasonic Semiconductor CA1BFS-12V-C-5 Datasheet HTML 5Page - Panasonic Semiconductor CA1BFS-12V-C-5 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
CA
ASCTB219E 201203-T1
2) 24 V DC type
Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. The upper operation ambient temperature limit is the maximum temperature that can satisfy the coil temperature rise value. Please refer to “Usage ambient
condition” in CAUTIONS FOR USE OF AUTOMOTIVE RELAYS.
Electrical life
REFERENCE DATA
Characteristics
Item
Specifications
1 Form C type
Contact
Arrangement
1 Form C
Contact resistance (Initial)
Typ 3m
Ω (By voltage drop 6V DC 1A)
Contact voltage drop
Max. 0.4 V (after electrical life test, by voltage drop 24 V DC 10 A)
Contact material
Ag alloy (Cadmium free)
Rating
Nominal switching capacity (resistive load)
(operating frequency: 2s ON, 2s OFF)
10 A 24V DC
Max. carrying current
10 A continuous (at coil applied voltage 28 V DC, 80
°C 176°F)
Nominal operating power
1.8 W
Min. switching capacity (resistive load)*1
1 A 24V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 10 M
Ω (at 500V DC)
Breakdown voltage
(Initial)
Between open contacts
500 Vrms for 1 min. (Detection current: 10mA)
Between contacts and coil
500 Vrms for 1 min. (Detection current: 10mA)
Operate time (at nominal voltage) (at 20
°C 68°F)
Max. 10ms (excluding contact bounce time) (Initial)
Release time (at nominal voltage) (at 20
°C 68°F)
Max. 10ms (excluding contact bounce time) (Initial)
Mechanical
characteristics
Shock resistance
Functional
Min. 100 m/s2 {10G} (Half-wave pulse of sine wave: 11ms; detection time: 10
µs)
Destructive
Min. 1,000 m/s2 {100G} (Half-wave pulse of sine wave: 6ms)
Vibration resistance
Functional
33 Hz, Min. 44.1 m/s2 {4.5G} (Detection time: 10
µs)
Destructive
33 Hz, Min. 44.1 m/s2 {4.5G},
Time of vibration for each direction; X, Y direction: 2 hours, Z direction: 4 hours
Expected life
Electrical (at nominal switching capacity)
Min. 105 (operating frequency: 2s ON, 2s OFF)
Mechanical
Min. 5
× 105 (at 120 cpm)
Conditions
Conditions for operation, transport and storage*2
Ambient temperature: –30
°C to +80°C –22°F to +176°F,
Humidity: 5% R.H. to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed
15 cpm (nominal switching capacity)
Water-proof
standard
Water-proof standard
JIS D 0203 S2
Mass
31 g 1.09 oz
Nominal coil voltage
Motor load
(operating frequency ON: 2 s, OFF: 2 s)
Halogen lamp load
(operating frequency ON: 1 s, OFF: 14 s)
1 Form A and 1 Form B type
12 V DC
Min. 105, 20 A 12 V DC
Min. 105, 20 A 12 V DC
1 Form C type
12 V DC
Min. 105, 20 A 12 V DC
Min. 105, 20 A 12 V DC
24 V DC
Min. 105, 10 A 24 V DC
Min. 105, 6 A 24 V DC
1. Coil temperature rise
Samples: CA1aS-12V-N-5, 5pcs.
Measured portion: Inside the coil
Contact carrying current: 20A
Ambient temperature: Room temperature, 85
°C
185
°F
2. Max. switching capability (Resistive load,
initial)
3. Ambient temperature and operating voltage
range
12
14
16
140
120
100
80
60
40
20
0
85
°C
Room
temperature
Coil applied voltage, V
185
°F
0
Switching current, A
10
50
40
30
20
60
020
30
40
10
50
(N.O. side Room temperature)
0
Ambient temperature,
°C
5
10
15
35
30
25
20
40
−40
−20
−30
20
40
60
100
0
120
8085
Operation range
Pick-up voltage
(Cold start)


Podobny numer części - CA1BFS-12V-C-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nais(Matsushita Electri...
CA1BF-12V-A-5 NAIS-CA1BF-12V-A-5 Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
CA1BF-12V-C-5 NAIS-CA1BF-12V-C-5 Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
CA1BF-12V-N-5 NAIS-CA1BF-12V-N-5 Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
More results

Podobny opis - CA1BFS-12V-C-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nais(Matsushita Electri...
CA1 NAIS-CA1 Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
logo
List of Unclassifed Man...
NV2R ETC1-NV2R Datasheet
114Kb / 2P
   Small size, light weight.
logo
HuaXinAn Electronics CO...
NG8QW2C HUAXINAN-NG8QW2C Datasheet
425Kb / 1P
   Small size, light weight
NT72-2A HUAXINAN-NT72-2A Datasheet
581Kb / 1P
   Small size, light weight
NT741C HUAXINAN-NT741C Datasheet
333Kb / 1P
   Small size, light weight.
NV2M-2A HUAXINAN-NV2M-2A Datasheet
470Kb / 1P
   Small size, light weight
NT78A HUAXINAN-NT78A Datasheet
514Kb / 1P
   Small size, light weight
NT742C HUAXINAN-NT742C Datasheet
333Kb / 1P
   Small size, light weight.
NT72C HUAXINAN-NT72C Datasheet
581Kb / 1P
   Small size, light weight.
NT742B HUAXINAN-NT742B Datasheet
333Kb / 1P
   Small size, light weight
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com