Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLR3103TR Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRLR3103TR
Szczegółowy opis  HEXFET짰 Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLR3103TR Arkusz danych(HTML) 2 Page - International Rectifier

  IRLR3103TR Datasheet HTML 1Page - International Rectifier IRLR3103TR Datasheet HTML 2Page - International Rectifier IRLR3103TR Datasheet HTML 3Page - International Rectifier IRLR3103TR Datasheet HTML 4Page - International Rectifier IRLR3103TR Datasheet HTML 5Page - International Rectifier IRLR3103TR Datasheet HTML 6Page - International Rectifier IRLR3103TR Datasheet HTML 7Page - International Rectifier IRLR3103TR Datasheet HTML 8Page - International Rectifier IRLR3103TR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRLR/U3103
2
www.irf.com
Parameter
Min.
Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.037 –––
V/°C
Reference to 25°C, ID = 1mA
–––
––– 0.019
VGS = 10V, ID = 33A
„
–––
––– 0.024
VGS = 4.5V, ID = 25A
„
VGS(th)
Gate Threshold Voltage
1.0
–––
–––
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
23
–––
–––
S
VDS = 25V, ID = 34A
‡
–––
–––
25
µA
VDS = 30V, VGS = 0V
–––
–––
250
VDS = 18V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 16V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -16V
Qg
Total Gate Charge
–––
–––
50
ID = 34A
Qgs
Gate-to-Source Charge
–––
–––
14
nC
VDS = 24V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
28
VGS = 4.5V, See Fig. 6 and 13
„‡
td(on)
Turn-On Delay Time
–––
9.0
–––
VDD = 15V
tr
Rise Time
–––
210
–––
ns
ID = 34A
td(off)
Turn-Off Delay Time
–––
20
–––
RG = 3.4Ω, VGS = 4.5V
tf
Fall Time
–––
54
–––
RD = 0.43Ω, See Fig. 10
„‡
Between lead,
6mm (0.25in.)
from package
and center of die contact
†
Ciss
Input Capacitance
–––
1600 –––
VGS = 0V
Coss
Output Capacitance
–––
640
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
320
–––
ƒ = 1.0MHz, See Fig. 5
‡
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
nH
IGSS
S
D
G
LS
Internal Source Inductance
–––
7.5
–––
RDS(on)
Static Drain-to-Source On-Resistance
LD
Internal Drain Inductance
–––
4.5
–––
IDSS
Drain-to-Source Leakage Current
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)
‡
–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 28A, VGS = 0V
„
trr
Reverse Recovery Time
–––
81
120
ns
TJ = 25°C, IF = 34A
Qrr
Reverse RecoveryCharge
–––
210
310
nC
di/dt = 100A/µs
„†
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
A
55
…
220
Notes:
‚ VDD = 15V, starting TJ = 25°C, L = 300µH
RG = 25Ω, IAS = 34A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
** When mounted on 1" square PCB (FR-4 or G-10 Material ) .
For recommended footprint and soldering techniques refer to application note #AN-994
ƒ I
SD ≤ 34A, di/dt ≤ 140A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
† This is applied for I-PAK, LS of D-PAK is measured between lead and
center of die contact
‡ Uses IRL3103 data and test conditions
„ Pulse width ≤ 300µs; duty cycle ≤ 2%
… Calculated continuous current based on maximum allowable junction
temperature; Package limitation current = 20A


Podobny numer części - IRLR3103TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLR3103TRPBF IRF-IRLR3103TRPBF Datasheet
292Kb / 11P
   Logic-Level Gate Drive
logo
VBsemi Electronics Co.,...
IRLR3103TRPBF VBSEMI-IRLR3103TRPBF Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Podobny opis - IRLR3103TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com