Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL1532IVEZ Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części ISL1532IVEZ
Szczegółowy opis  Dual Channel Differential DSL Line Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1532IVEZ Arkusz danych(HTML) 5 Page - Intersil Corporation

  ISL1532IVEZ Datasheet HTML 1Page - Intersil Corporation ISL1532IVEZ Datasheet HTML 2Page - Intersil Corporation ISL1532IVEZ Datasheet HTML 3Page - Intersil Corporation ISL1532IVEZ Datasheet HTML 4Page - Intersil Corporation ISL1532IVEZ Datasheet HTML 5Page - Intersil Corporation ISL1532IVEZ Datasheet HTML 6Page - Intersil Corporation ISL1532IVEZ Datasheet HTML 7Page - Intersil Corporation ISL1532IVEZ Datasheet HTML 8Page - Intersil Corporation ISL1532IVEZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
FN6173.3
December 4, 2006
6
4
IADJ (Note 2)
Supply current control pin for both DSL
Channels 1 and 2
CIRCUIT 3
5
3
GND
Ground connection
7
6
VINC+
Amplifier C non-inverting input
(Reference Circuit 2)
8
7
VIND+
Amplifier D non-inverting input
(Reference Circuit 2)
9
8
C1CD (Note 3)
DSL Channel 2 current control pin
(Reference Circuit 1)
10
9
C0CD (Note 3)
DSL Channel 2 current control pin
(Reference Circuit 1)
11
10
VS+
Positive supply
12
13
VOUTD
Amplifier D output
(Reference Circuit 2)
13
14
VIND-
Amplifier D inverting input
(Reference Circuit 2)
14
15
VINC-
Amplifier C inverting input
(Reference Circuit 2)
15
16
VOUTC
Amplifier C output
(Reference Circuit 2)
16
17
VOUTB
Amplifier B output
(Reference Circuit 2)
17
18
VINB-
Amplifier B inverting input
(Reference Circuit 2)
18
19
VINA-
Amplifier A inverting input
(Reference Circuit 2)
19
20
VOUTA
Amplifier A output
(Reference Circuit 2)
20
22
VS-
Negative supply
NOTES:
1. Amplifiers A and B comprise DSL Channel 1. C0AB and C1AB control IS settings for DSL Channel 1.
2. IADJ controls bias current (IS) setting for both DSL channels.
3. Amplifiers C and D comprise DSL Channel 2. C0CD and C1CD control IS settings for DSL Channel 2.
Pin Descriptions
20 Ld HTSSOP
24 Ld QFN
PIN NAME
FUNCTION
CIRCUIT
VS+
GND
IADJ
VS-
Typical Performance Curves
FIGURE 1. DIFFERENTIAL FREQUENCY RESPONSE vs RF
(FULL IS)
FIGURE 2. DIFFERENTIAL FREQUENCY RESPONSE vs RF
(3/4 IS)
AV = 10
VS = ±12V
RL = 100Ω
RADJ = 0Ω
RF = 4kΩ
RF = 3kΩ
RF = 2kΩ
AV = 10
VS = ±12V
RL = 100Ω
RADJ = 0Ω
RF = 4kΩ
RF = 3kΩ
RF = 2kΩ
ISL1532


Podobny numer części - ISL1532IVEZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL1532IVEZ RENESAS-ISL1532IVEZ Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
ISL1532IVEZ-EVAL RENESAS-ISL1532IVEZ-EVAL Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
ISL1532IVEZ-T13 RENESAS-ISL1532IVEZ-T13 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
ISL1532IVEZ-T7 RENESAS-ISL1532IVEZ-T7 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
More results

Podobny opis - ISL1532IVEZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
   Dual Channel Differential DSL Line Driver
May 9, 2014
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
   Dual Channel Differential DSL Line Driver
logo
Renesas Technology Corp
ISL1533A RENESAS-ISL1533A Datasheet
1Mb / 16P
   Dual Channel Differential DSL Line Driver
Jan 31, 2019
ISL1532 RENESAS-ISL1532 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
logo
Intersil Corporation
EL1528 INTERSIL-EL1528 Datasheet
130Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533 INTERSIL-ISL1533 Datasheet
106Kb / 2P
   Dual Channel Differential DSL Line Driver
October 12, 2015
ISL1540 INTERSIL-ISL1540 Datasheet
60Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
ISL1541 INTERSIL-ISL1541_06 Datasheet
59Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
ISL1534IRZ INTERSIL-ISL1534IRZ Datasheet
94Kb / 1P
   Dual Channel Fixed Gain Differential DSL Line Driver
October 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com