Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HUFA76429D3S Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części HUFA76429D3S
Szczegółowy opis  20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76429D3S Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  HUFA76429D3S Datasheet HTML 1Page - Fairchild Semiconductor HUFA76429D3S Datasheet HTML 2Page - Fairchild Semiconductor HUFA76429D3S Datasheet HTML 3Page - Fairchild Semiconductor HUFA76429D3S Datasheet HTML 4Page - Fairchild Semiconductor HUFA76429D3S Datasheet HTML 5Page - Fairchild Semiconductor HUFA76429D3S Datasheet HTML 6Page - Fairchild Semiconductor HUFA76429D3S Datasheet HTML 7Page - Fairchild Semiconductor HUFA76429D3S Datasheet HTML 8Page - Fairchild Semiconductor HUFA76429D3S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA76429D3, HUFA76429D3S Rev. B
FIGURE 5. FORWARD BIAS SAFE OPERATING AREA
NOTE: Refer to Fairchild Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING
CAPABILITY
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. SATURATION CHARACTERISTICS
FIGURE 9. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 10. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves (Continued)
10
100
10
100
300
1
1
100
µs
10ms
1ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
TC = 25
oC
TJ = MAX RATED
SINGLE PULSE
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
10
100
0.01
0.1
1
10
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
50
0
10
20
30
40
1.5
2
2.5
3
3.5
4
VGS, GATE TO SOURCE VOLTAGE (V)
TJ= 25
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ= 175
oC
TJ= -55
oC
50
0
10
20
30
40
012
3
4
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 3V
VGS = 3.5V
VGS = 5V
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
VGS = 4V
ID = 10A
10
20
30
40
2468
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 20A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
0.5
1.0
1.5
2.0
2.5
-80
-40
0
40
80
120
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID = 20A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
160
HUFA76429D3, HUFA76429D3S


Podobny numer części - HUFA76429D3S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HUFA76429D3ST FAIRCHILD-HUFA76429D3ST Datasheet
352Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFETs
logo
ON Semiconductor
HUFA76429D3ST-F085 ONSEMI-HUFA76429D3ST-F085 Datasheet
420Kb / 11P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFETs
September-2017, Rev. 1
More results

Podobny opis - HUFA76429D3S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HUF76429D3 FAIRCHILD-HUF76429D3 Datasheet
200Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76429D3 INTERSIL-HUF76429D3 Datasheet
332Kb / 9P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
ON Semiconductor
HUFA76429D3ST-F085 ONSEMI-HUFA76429D3ST-F085 Datasheet
420Kb / 11P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFETs
September-2017, Rev. 1
logo
Fairchild Semiconductor
HUFA76429D3ST FAIRCHILD-HUFA76429D3ST Datasheet
352Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFETs
HUFA76419D3 FAIRCHILD-HUFA76419D3 Datasheet
197Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76413D3 FAIRCHILD-HUFA76413D3 Datasheet
205Kb / 10P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76423D3 FAIRCHILD-HUFA76423D3 Datasheet
200Kb / 10P
   20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76009P3 INTERSIL-HUF76009P3 Datasheet
243Kb / 11P
   20A, 20V, 0.027 Ohm, N-Channel, Logic Level Power MOSFETs
logo
Fairchild Semiconductor
HUF76009P3 FAIRCHILD-HUF76009P3 Datasheet
252Kb / 12P
   20A, 20V, 0.027 Ohm, N-Channel, Logic Level Power MOSFETs
HUF76429D3 FAIRCHILD-HUF76429D3_05 Datasheet
282Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com