Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HUFA76639P3 Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części HUFA76639P3
Szczegółowy opis  50A, 100V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76639P3 Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

Back Button HUFA76639P3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA76639P3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA76639P3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA76639P3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA76639P3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA76639P3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA76639P3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA76639P3 Datasheet HTML 9Page - Fairchild Semiconductor HUFA76639P3 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
©2002 Fairchild Semiconductor Corporation
HUFA76639P3, HUFA76639S3S Rev. B
SABER Electrical Model
REV 26 July 1999
template hufa76639 n2,n1,n3
electrical n2,n1,n3
{
var i iscl
d..model dbodymod = (is = 2.6e-12, cjo = 2.1e-9, tt = 5.6e-8, m = 0.52, n=10)
d..model dbreakmod = ()
d..model dplcapmod = (cjo = 2.6e-9, is = 1e-30, m = 0.89)
m..model mmedmod = (type=_n, vto = 1.77, kp = 7, is = 1e-30, tox = 1)
m..model mstrongmod = (type=_n, vto = 2.06,kp = 95, is = 1e-30, tox = 1)
m..model mweakmod = (type=_n, vto = 1.48, kp = 0.12,is = 1e-30, tox = 1)
sw_vcsp..model s1amod = (ron = 1e-5, roff = 0.1, von = -4.5, voff = -2.0)
sw_vcsp..model s1bmod = (ron = 1e-5, roff = 0.1, von = -2.0, voff = -4.5)
sw_vcsp..model s2amod = (ron = 1e-5, roff = 0.1, von = -0.5, voff = 0.3)
sw_vcsp..model s2bmod = (ron = 1e-5, roff = 0.1, von = 0.3, voff = -0.5)
c.ca n12 n8 = 4.2e-9
c.cb n15 n14 = 4.2e-9
c.cin n6 n8 = 2.27e-9
d.dbody n7 n71 = model = dbodymod
d.dbreak n72 n11 = model = dbreakmod
d.dplcap n10 n5 = model = dplcapmod
i.it n8 n17 = 1
l.ldrain n2 n5 = 1.0e-9
l.lgate n1 n9 = 5.1e-9
l.lsource n3 n7 = 3.1e-9
m.mmed n16 n6 n8 n8 = model = mmedmod, l = 1u, w = 1u
m.mstrong n16 n6 n8 n8 = model = mstrongmod, l = 1u, w = 1u
m.mweak n16 n21 n8 n8 = model = mweakmod, l = 1u, w = 1u
res.rbreak n17 n18 = 1, tc1 = 1.05e-3, tc2 = -5e-7
res.rdbody n71 n5 = 2.65e-3, tc1 = 1.5e-3, tc2 = 3.5e-6
res.rdbreak n72 n5 = 2.5e-1, tc1 = 1e-4, tc2 = -1e-6
res.rdrain n50 n16 = 15.8e-3, tc1 = 8.5e-3, tc2 = 2.3e-5
res.rgate n9 n20 = 1.94
res.rldrain n2 n5 = 10
res.rlgate n1 n9 = 51
res.rlsource n3 n7 = 31
res.rslc1 n5 n51 = 1e-6, tc1 = 3.4e-3, tc2 = 2.5e-6
res.rslc2 n5 n50 = 1e3
res.rsource n8 n7 = 3.6e-3, tc1 = 1e-3, tc2 = 1e-6
res.rvtemp n18 n19 = 1, tc1 = -1.7e-3, tc2 = 1.5e-6
res.rvthres n22 n8 = 1, tc1 = -1.9e-3, tc2 = -4.5e-6
spe.ebreak n11 n7 n17 n18 = 118.2
spe.eds n14 n8 n5 n8 = 1
spe.egs n13 n8 n6 n8 = 1
spe.esg n6 n10 n6 n8 = 1
spe.evtemp n20 n6 n18 n22 = 1
spe.evthres n6 n21 n19 n8 = 1
sw_vcsp.s1a n6 n12 n13 n8 = model = s1amod
sw_vcsp.s1b n13 n12 n13 n8 = model = s1bmod
sw_vcsp.s2a n6 n15 n14 n13 = model = s2amod
sw_vcsp.s2b n13 n15 n14 n13 = model = s2bmod
v.vbat n22 n19 = dc = 1
equations {
i (n51->n50) + = iscl
iscl: v(n51,n50) = ((v(n5,n51)/(1e-9+abs(v(n5,n51))))*((abs(v(n5,n51)*1e6/99))** 3.5))
}
}
18
22
+
-
6
8
+
-
19
8
+
-
17
18
6
8
+
-
5
8
+
-
RBREAK
RVTEMP
VBAT
RVTHRES
IT
17
18
19
22
12
13
15
S1A
S1B
S2A
S2B
CA
CB
EGS
EDS
14
8
13
8
14
13
MWEAK
EBREAK
DBODY
RSOURCE
SOURCE
11
7
3
LSOURCE
RLSOURCE
CIN
RDRAIN
EVTHRES
16
21
8
MMED
MSTRO
DRAIN
2
LDRAIN
RLDRAIN
DBREAK
DPLCAP
ISCL
RSLC1
10
5
51
50
RSLC2
1
GATE
RGATE
EVTEMP
9
ESG
LGATE
RLGATE
20
+
-
+
-
+
-
6
RDBODY
RDBREAK
72
71
HUFA76639P3, HUFA76639S3S


Podobny numer części - HUFA76639P3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HUFA76633P3 FAIRCHILD-HUFA76633P3 Datasheet
218Kb / 10P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76633S3S FAIRCHILD-HUFA76633S3S Datasheet
218Kb / 10P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results

Podobny opis - HUFA76639P3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HUF76639P3 FAIRCHILD-HUF76639P3 Datasheet
218Kb / 10P
   50A, 100V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76639P3 INTERSIL-HUF76639P3 Datasheet
110Kb / 9P
   50A, 100V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76429D3 FAIRCHILD-HUF76429D3 Datasheet
200Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76429D3 INTERSIL-HUF76429D3 Datasheet
332Kb / 9P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA76429D3 FAIRCHILD-HUFA76429D3 Datasheet
229Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76633P3 FAIRCHILD-HUF76633P3 Datasheet
218Kb / 10P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76629D3 FAIRCHILD-HUFA76629D3 Datasheet
203Kb / 10P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76619D3 INTERSIL-HUF76619D3 Datasheet
108Kb / 9P
   18A, 100V, 0.087 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76629D3 FAIRCHILD-HUF76629D3 Datasheet
203Kb / 10P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76629D3 INTERSIL-HUF76629D3 Datasheet
334Kb / 9P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com