Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5510LX-24.0M-T250 Arkusz danych(PDF) 6 Page - Pletronics, Inc.

Numer części SM5510LX-24.0M-T250
Szczegółowy opis  SM55L Series 1.8 V CMOS Clock Oscillators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PLETRONICS [Pletronics, Inc.]
Strona internetowa  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5510LX-24.0M-T250 Arkusz danych(HTML) 6 Page - Pletronics, Inc.

  SM5510LX-24.0M-T250 Datasheet HTML 1Page - Pletronics, Inc. SM5510LX-24.0M-T250 Datasheet HTML 2Page - Pletronics, Inc. SM5510LX-24.0M-T250 Datasheet HTML 3Page - Pletronics, Inc. SM5510LX-24.0M-T250 Datasheet HTML 4Page - Pletronics, Inc. SM5510LX-24.0M-T250 Datasheet HTML 5Page - Pletronics, Inc. SM5510LX-24.0M-T250 Datasheet HTML 6Page - Pletronics, Inc. SM5510LX-24.0M-T250 Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SM55L Series 1.8 V
CMOS Clock Oscillators
June 2013
www.pletronics.com
425-776-1880
6
Reflow Cycle (typical for lead free processing)
The part m ay be reflowed 3 tim es without degradation.
Tape and Reel: available for quantities of 250 to 1000 per reel, cut tape for < 250
Constant Dimensions Table 1
Tape
Size
D0
D1
Min
E1
P0
P2
S1
Min
T
Max
T1
Max
8mm
1.5
+0.1
-0.0
1.0
1.75
+
_0.1
4.0
+
_0.1
2.0
+
_0.05
0.6
0.6
0.1
12mm
1.5
16mm
1.5
2.0
+
_0.1
24mm
1.5
Variable Dimensions Table 2
Tape
Size
B1
Max
E2 Min
F
P1
T2
Max
W
Max
Ao, Bo &
Ko
16 mm
12.1
14.25
7.5 +
_0.1
8.0 +
_0.1
8.0
16.3
Note 1
Note 1: Embossed cavity to conform to EIA-481-B
Dimensions in mm
Not to scale
REEL DIMENSIONS
A
inches
7.0
10.0
13.0
mm
177.8
254.0
330.2
B
inches
2.50
4.00
3.75
mm
63.5
101.6
95.3
Tape
Width
C
mm
13.0 +0.5 / -0.2
D
mm
16.4
+2.0
-0.0
16.4
+2.0
-0.0
16.4
+2.0
-0.0
16.0
Reel dimensions may vary from the above


Podobny numer części - SM5510LX-24.0M-T250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pletronics, Inc.
SM5510LCV-24.0M-T1K PLETRONICS-SM5510LCV-24.0M-T1K Datasheet
820Kb / 7P
   SM55L Series 3.3 V CMOS Clock Oscillators
SM5510LCV-24.0M-T250 PLETRONICS-SM5510LCV-24.0M-T250 Datasheet
820Kb / 7P
   SM55L Series 3.3 V CMOS Clock Oscillators
SM5510LCV-24.0M-T500 PLETRONICS-SM5510LCV-24.0M-T500 Datasheet
820Kb / 7P
   SM55L Series 3.3 V CMOS Clock Oscillators
SM5510LCW-24.0M-T1K PLETRONICS-SM5510LCW-24.0M-T1K Datasheet
789Kb / 7P
   SM55L Series 2.5 V CMOS Clock Oscillators
SM5510LCW-24.0M-T250 PLETRONICS-SM5510LCW-24.0M-T250 Datasheet
789Kb / 7P
   SM55L Series 2.5 V CMOS Clock Oscillators
More results

Podobny opis - SM5510LX-24.0M-T250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pletronics, Inc.
SM5510LV-240M-T250 PLETRONICS-SM5510LV-240M-T250 Datasheet
820Kb / 7P
   SM55L Series 3.3 V CMOS Clock Oscillators
SM5510LW-240M-T250 PLETRONICS-SM5510LW-240M-T250 Datasheet
789Kb / 7P
   SM55L Series 2.5 V CMOS Clock Oscillators
SM7745MEX PLETRONICS-SM7745MEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545TEX PLETRONICS-SM5545TEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEX PLETRONICS-SM7745DEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745GEX PLETRONICS-SM7745GEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545GEX PLETRONICS-SM5545GEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545MEX PLETRONICS-SM5545MEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7645DEX PLETRONICS-SM7645DEX Datasheet
203Kb / 9P
   1.8 V CMOS Clock Oscillators
logo
List of Unclassifed Man...
SM77D ETC1-SM77D Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com