Zakładka z wyszukiwarką danych komponentów |
|
SM5520JV-75.0M-T1K Arkusz danych(PDF) 2 Page - Pletronics, Inc. |
|
SM5520JV-75.0M-T1K Arkusz danych(HTML) 2 Page - Pletronics, Inc. |
2 / 8 page SM55J Series 3.3 V CMOS Clock Oscillators March 2013 www.pletronics.com 425-776-1880 2 P ff.fff M C YMDxx P ff.fff M C YYWWxx P5xYWWx C ff.fff M PLE SM 55 ff.fff M C YMDxx 5xYW W xx ff.fff M C PLExx Part Number: SM55 45 J E V - 75.0M -XX Packaging code or blank T250 = 250 per Tape and Reel T500 = 500 per Tape and Reel T1K = 1000 per Tape and Reel Frequency in M Hz CC Supply Voltage V V = 3.3V + _ 10% Optional Enhanced OTR Blank = Tem p. range -10 to +70 C o C = Tem p. range -20 to +70 C o E = Tem p. range -40 to +85 C o Series M odel Frequency Stability 45 = + _ 50 ppm 44 = + _ 25 ppm 20 = + _ 20 ppm Series M odel Part Marking and Legend: PLE = Pletronics FF.FFF M = Frequency in MHz YYW W or YW W or YMD = Date of Manufacture (year and week, or year-m onth-day) All other m arking is internal factory codes Specifications such as frequency stability, supply voltage and operating tem perature range, etc. are not identified from the m arking. External packaging labels and packing list will correctly identify the ordered Pletronics part num ber. Codes for Date Code YM D Code 10 1234 Code A B CD E F G H J K LM Year 2010 2011 2012 2013 2014 Month JAN FEB MAR APR MAY JUN JUL AUG SEP OCT NOV DEC Code 1 2 3 4 5 6 7 8 9 A B C D EF G Day 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Code H J KL M N P RTU V W XY Z Day 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 |
Podobny numer części - SM5520JV-75.0M-T1K |
|
Podobny opis - SM5520JV-75.0M-T1K |