Zakładka z wyszukiwarką danych komponentów |
|
SM5520JV-75.0M-T1K Arkusz danych(PDF) 7 Page - Pletronics, Inc. |
|
SM5520JV-75.0M-T1K Arkusz danych(HTML) 7 Page - Pletronics, Inc. |
7 / 8 page SM55J Series 3.3 V CMOS Clock Oscillators March 2013 www.pletronics.com 425-776-1880 7 Reflow Cycle (typical for lead free processing) The part m ay be reflowed 3 tim es without degradation. Tape and Reel: available for quantities of 250 to 1000 per reel, cut tape for < 250 Constant Dimensions Table 1 Tape Size D0 D1 Min E1 P0 P2 S1 Min T Max T1 Max 8mm 1.5 +0.1 -0.0 1.0 1.75 + _0.1 4.0 + _0.1 2.0 + _0.05 0.6 0.6 0.1 12mm 1.5 16mm 1.5 2.0 + _0.1 24mm 1.5 Variable Dimensions Table 2 Tape Size B1 Max E2 Min F P1 T2 Max W Max Ao, Bo & Ko 16 mm 12.1 14.25 7.5 + _0.1 8.0 + _0.1 8.0 16.3 Note 1 Note 1: Embossed cavity to conform to EIA-481-B Dimensions in mm Not to scale REEL DIMENSIONS A inches 7.0 10.0 13.0 mm 177.8 254.0 330.2 B inches 2.50 4.00 3.75 mm 63.5 101.6 95.3 Tape Width C mm 13.0 +0.5 / -0.2 D mm 16.4 +2.0 -0.0 16.4 +2.0 -0.0 16.4 +2.0 -0.0 16.0 Reel dimensions may vary from the above |
Podobny numer części - SM5520JV-75.0M-T1K |
|
Podobny opis - SM5520JV-75.0M-T1K |