Zakładka z wyszukiwarką danych komponentów |
|
BA10324AF-E2 Arkusz danych(PDF) 4 Page - Rohm |
|
BA10324AF-E2 Arkusz danych(HTML) 4 Page - Rohm |
4 / 48 page Datasheet www.rohm.com TSZ02201-0RAR1G200130-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 4/45 11.Jan.2013 Rev.002 TSZ22111・15・001 BA10358xx, BA10324Axx, BA2904xxx, BA2904Sxxx, BA2904Wxx BA2902xx, BA2902Sxx ●Absolute Maximum Ratings (Ta=25℃) ○BA10358, BA10324A Parameter Symbol Ratings Unit Supply Voltage VCC-VEE +32 V Power dissipation Pd SOP8 620 *1*7 mW SOP-J8 540 *2*7 SSOP-B8 500 *3*7 SOP14 450 *4*7 SOP-J14 820 *5*7 SSOP-B14 700 *6*7 Differential Input Voltage *6 Vid VCC – VEE V Input Common-mode Voltage Range Vicm VEE – VCC V Wide Operating Supply Voltage Vopr +3.0 to +32.0 V Operating Temperature Range Topr -40 to +85 ℃ Storage Temperature Range Tstg -55 to +125 ℃ Maximum Junction Temperature Tjmax +125 ℃ Note: Absolute maximum rating item indicates the condition which must not be exceeded. Application if voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature environment may cause deterioration of characteristics. *1 To use at temperature above Ta=25℃ reduce 6.2mW. *2 To use at temperature above Ta=25℃ reduce 5.4mW *3 To use at temperature above Ta=25℃ reduce 5.0mW. *4 To use at temperature above Ta=25℃ reduce 4.5mW. *5 To use at temperature above Ta=25℃ reduce 8.2mW *6 To use at temperature above Ta=25℃ reduce 7.0mW. *7 Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm). *8 The voltage difference between inverting input and non-inverting input is the differential input voltage. Then input terminal voltage is set to more than VEE. ○BA2904, BA2902 Parameter Symbol Ratings Unit BA2904S BA2902S BA2904, BA2904W BA2902 Supply Voltage VCC-VEE +36 V Power dissipation Pd SOP8 775 *9*14 mW SSOP-B8 625 *10*14 MSOP8 600 *11*14 SOP14 560 *12*14 SSOP-B14 870 *13*14 Differential Input Voltage *15 Vid +36 V Input Common-mode Voltage Range Vicm (VEE-0.3) to (VEE+36) V Wide Operating Supply Voltage Vopr +3.0 to +36.0 V Operating Temperature Range Topr -40 to +105 -40 to +125 ℃ Storage Temperature Range Tstg -55 to +150 ℃ Maximum Junction Temperature Tjmax +150 ℃ Note: Absolute maximum rating item indicates the condition which must not be exceeded. Application if voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature environment may cause deterioration of characteristics. *9 To use at temperature above Ta=25℃ reduce 6.2mW. *10 To use at temperature above Ta=25℃ reduce 5.0mW. *11 To use at temperature above Ta=25℃ reduce 4.8mW. *12 To use at temperature above Ta=25℃ reduce 4.5mW. *13 To use at temperature above Ta=25℃ reduce 7.0mW. *14 Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm).. *15 The voltage difference between inverting input and non-inverting input is the differential input voltage. Then input terminal voltage is set to more than VEE. |
Podobny numer części - BA10324AF-E2 |
|
Podobny opis - BA10324AF-E2 |