Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3A226AEYFFR Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części TS3A226AEYFFR
Szczegółowy opis  Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS3A226AEYFFR Arkusz danych(HTML) 4 Page - Texas Instruments

  TS3A226AEYFFR Datasheet HTML 1Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 2Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 3Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 4Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 5Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 6Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 7Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 8Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TS3A226AE
SCDS346A – JUNE 2013 – REVISED JULY 2013
www.ti.com
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD
Supply voltage range
2.6
4.5
V
VIO
Input/Output voltage range (EN, MICP, RING2, SLEEVE, TIP)
0
VDD
V
VIO(TIP)
Input/Output voltage range for TIP
-2.0
VDD
V
VDD = 2.6 V
1.16
VDD
VIH
Input Logic High for EN
VDD = 3.3 V
1.24
VDD
V
VDD = 4.5 V
1.48
VDD
VDD = 2.6 V
0
0.19
VIL
Input Logic Low for EN
VDD = 3.3 V
0
0.3
V
VDD = 4.5 V
0
0.5
TA
Operating temperature range
–40
85
°C
KEY ELECTRICAL CHARACTERISTICS
Unless otherwise noted the specification applies over the VDD range and operating junction temperature –40°C ≤ TA ≤ 70°C.
Typical values are for VDD = 3.3V and TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Input Voltage Range
2.6
3.3
4.5
V
VDD = 4.5 V, VMICp = 1.8 V to VDD, EN=L or
IDD
Quiescent Current
6.5
14
µA
EN=H (after detection)
SWITCH RESISTANCE
RF1
FET1 On Resistance
60
85
VDD = 2.6 V, VGND = 0 V, IGND = 10 mA
m
Ω
RF2
FET2 On Resistance
60
85
RSW1
SW1 On Resistance
8.5
10.5
VDD = 2.6 V, VSLEEVE/RING2 = 0 V to 2.6 V,
Ω
IMIC = ±10 mA
RSW2
SW2 On Resistance
8.5
10.5
SWITCH LEAKAGE CURRENT
IOFF-0.1
FET1 and FET2 off leakage
1
IOFF-10
SW1, SW2 off leakage
VIN = 0 V to 2.6 V, VOUT = 0 V, VDD = 4.5 V
1
µA
ION-10
SW1, SW2 on leakage
1
SWITCH DYNAMIC CHARACTERISTICS
BWF1
FET1 Bandwidth
160
200
V = 60 mVPP, Ibias = 10 mA
MHz
BWF2
FET2 Bandwidth
160
200
PSR217
V = 200 mVPP, f = 217 Hz
–110
dB
Power Supply Rejection,
PSR1k
V = 200 mVPP, f = 1 kHz
–100
dB
RL = 50 Ω
PSR20k
V = 200 mVPP, f = 20 kHz
–85
dB
ISOS1
SLEEVE or RING2 to MICP Isolation
V = 200 mVPP, f = 20 kHz, RL = 50 Ω
–80
dB
V = 200 mVPP, f = 20 kHz, RL = 50 Ω
SEPS1
SLEEVE to RING2 Separation
–80
dB
(see Figure 5)
THD10
V = 10 mVPP, f = 20-20 kHz, RS = 600 Ω
0.01%
Total Harmonic Distortion
THD200
V = 200 mVPP, f = 20-20 kHz, RS = 600 Ω
0.002%
TIMING CHARACTERISTICS
tdect
Total detection time
From EN=H to S1 switch(es) closing
180
ms
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TS3A226AE


Podobny numer części - TS3A226AEYFFR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3A226AEYFFR TI1-TS3A226AEYFFR Datasheet
735Kb / 12P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
More results

Podobny opis - TS3A226AEYFFR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3A226AE TI1-TS3A226AE_14 Datasheet
735Kb / 12P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226E TI1-TS3A226E Datasheet
284Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E_17 Datasheet
1Mb / 37P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A227E TI1-TS3A227E Datasheet
1Mb / 59P
[Old version datasheet]   Autonomous Audio Accessory Detection and Configuration Switch
logo
Vishay Siliconix
DG2612 VISHAY-DG2612_08 Datasheet
155Kb / 7P
   Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
Rev. C, 29-Dec-08
DG2612 VISHAY-DG2612 Datasheet
162Kb / 7P
   Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
Rev. A, 28-Aug-06
DG2612 VISHAY-DG2612_V01 Datasheet
203Kb / 8P
   Low-Voltage, Low RON, SPDT Audio Switch with Negative Swing Capability
02-Oct-12
logo
ON Semiconductor
FSA806 ONSEMI-FSA806 Datasheet
601Kb / 14P
   Audio Switch with Negative Signal Capability
July 2012 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com