Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL9V5036S3S Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części ISL9V5036S3S
Szczegółowy opis  EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ISL9V5036S3S Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  ISL9V5036S3S Datasheet HTML 1Page - Fairchild Semiconductor ISL9V5036S3S Datasheet HTML 2Page - Fairchild Semiconductor ISL9V5036S3S Datasheet HTML 3Page - Fairchild Semiconductor ISL9V5036S3S Datasheet HTML 4Page - Fairchild Semiconductor ISL9V5036S3S Datasheet HTML 5Page - Fairchild Semiconductor ISL9V5036S3S Datasheet HTML 6Page - Fairchild Semiconductor ISL9V5036S3S Datasheet HTML 7Page - Fairchild Semiconductor ISL9V5036S3S Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
ISL9V5036S3S / ISL9V5036P3 / ISL9V5036S3 Rev. C1, September 2002
Typical Characteristics
Figure 1. Self Clamped Inductive Switching
Current vs Time in Clamp
Figure 2. Self Clamped Inductive Switching
Current vs Inductance
Figure 3. Collector to Emitter On-State Voltage vs
Junction Temperature
Figure 4. Collector to Emitter On-State Voltage
vs Junction Temperature
Figure 5. Collector Current vs Collector Emitter
On-State Voltage
Figure 6. Collector Current vs Collector Emitter
On-State Voltage
tCLP, TIME IN CLAMP (µS)
35
30
10
45
20
25
0
350
300
0250
100
50
150
200
TJ = 25°C
RG = 1KΩ, VGE = 5V,Vdd = 14V
5
15
40
SCIS Curves valid for Vclamp Voltages of <390V
TJ = 150°C
010
24
6
8
L, INDUCTANCE (mHy)
TJ = 150°C
RG = 1KΩ, VGE = 5V,Vdd = 14V
TJ = 25°C
SCIS Curves valid for Vclamp Voltages of <390V
35
30
10
45
20
25
0
5
15
40
1.10
1.05
1.00
0.95
0.90
25
-25
175
125
75
-50
0
50
100
150
TJ, JUNCTION TEMPERATURE (°C)
VGE = 4.0V
VGE = 3.7V
VGE = 5.0V
VGE = 8.0V
ICE = 6A
VGE = 4.5V
0.85
25
-25
175
125
75
-50
0
50
100
150
1.25
1.20
1.15
1.10
1.05
1.00
TJ, JUNCTION TEMPERATURE (°C)
ICE = 10A
VGE = 4.0V
VGE = 3.7V
VGE = 4.5V
VGE = 5.0V
VGE = 8.0V
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
20
40
02.0
1.0
3.0
4.0
50
30
10
0
VGE = 4.0V
VGE = 3.7V
VGE = 4.5V
VGE = 5.0V
VGE = 8.0V
TJ = - 40°C
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
40
0
50
30
02.0
1.0
3.0
4.0
20
10
VGE = 4.0V
VGE = 3.7V
VGE = 4.5V
VGE = 5.0V
VGE = 8.0V
TJ = 25°C


Podobny numer części - ISL9V5036S3S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
ISL9V5036S3S FAIRCHILD-ISL9V5036S3S Datasheet
173Kb / 8P
   EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5036S3ST FAIRCHILD-ISL9V5036S3ST Datasheet
174Kb / 8P
   EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5036S3S FAIRCHILD-ISL9V5036S3S_04 Datasheet
173Kb / 8P
   EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
More results

Podobny opis - ISL9V5036S3S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
ISL9V5036S3S FAIRCHILD-ISL9V5036S3S_04 Datasheet
173Kb / 8P
   EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5036P3 FAIRCHILD-ISL9V5036P3_11 Datasheet
354Kb / 7P
   EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S_04 Datasheet
170Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
ISL9V5036S3ST FAIRCHILD-ISL9V5036S3ST Datasheet
174Kb / 8P
   EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S Datasheet
200Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
logo
ON Semiconductor
FGD2736G3-F085 ONSEMI-FGD2736G3-F085 Datasheet
932Kb / 9P
   EcoSPARKTM 3 270mJ, 360V, N-Channel Ignition IGBT
August-2017, Rev. 2
logo
Fairchild Semiconductor
FGB3236 FAIRCHILD-FGB3236 Datasheet
583Kb / 10P
   FGB3236_F085 / FGI3236_F085 EcoSPARKTM 320mJ, 360V, N-Channel Ignition IGBT
ISL9V5036P3_F085 FAIRCHILD-ISL9V5036P3_F085 Datasheet
361Kb / 8P
   ISL9V5036S3S / ISL9V5036P3 / ISL9V5036S3 EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
ISL9V2040D3S FAIRCHILD-ISL9V2040D3S_04 Datasheet
165Kb / 8P
   EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
ISL9V2040D3S FAIRCHILD-ISL9V2040D3S Datasheet
195Kb / 8P
   EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com