Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EZJZRV270EAK Arkusz danych(PDF) 6 Page - Panasonic Semiconductor

Numer części EZJZRV270EAK
Szczegółowy opis  Multilayer Varistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZJZRV270EAK Arkusz danych(HTML) 6 Page - Panasonic Semiconductor

  EZJZRV270EAK Datasheet HTML 1Page - Panasonic Semiconductor EZJZRV270EAK Datasheet HTML 2Page - Panasonic Semiconductor EZJZRV270EAK Datasheet HTML 3Page - Panasonic Semiconductor EZJZRV270EAK Datasheet HTML 4Page - Panasonic Semiconductor EZJZRV270EAK Datasheet HTML 5Page - Panasonic Semiconductor EZJZRV270EAK Datasheet HTML 6Page - Panasonic Semiconductor EZJZRV270EAK Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Multilayer Varistors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Test Methods
Before the measurement after test, the specimen shall be
left to stand and mechanical damage shall be examined.
TL : Lower operating temperature
TU : Upper operating temperature
Allowable Voltage shall be applied continuously to the
specimen at specified conditions for specified period and then
stored at room temperature and normal humidity for 24±2
hours. Thereafter, the change of Vc and mechanical damage
shall be examined.
Ambient condition :40±2 ¡C, 90 to 95 %RH
Period
: 500+24 hours
-0
Allowable Voltage shall be applied continuously to the
specimen at specified conditions for specified period and then
stored at room temperature and normal humidity for
24±2hours. Thereafter, the change of Vc and mechanical
damage shall be examined.
Ambient temp.
: Upper operating temperature
Period
: 500+24 hours
-0
Specifications
To meet
the specified value.
No remarkable
mechanical damage
ÆVc/Vc < ±10 %
No remarkable
mechanical damage
ÆVc/Vc < ±10 %
Characteristics
Temperature Cycle
Damp Heat Load
High Temperature Load
(Dry Heat Load)
n Performance Characteristics
l Environmental
Step
Temperature
Period
Cycles
1TL
30 min.
2
Room Temp.
15 min.
5 cycles
3TU
30 min.
4
Room Temp.
15 min.


Podobny numer części - EZJZRV270EAK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
EZJZ PANASONIC-EZJZ Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
EZJZ0V120JA PANASONIC-EZJZ0V120JA Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
EZJZ0V120JA PANASONIC-EZJZ0V120JA Datasheet
169Kb / 5P
   Multilayer Varistors
EZJZ0V120JA PANASONIC-EZJZ0V120JA Datasheet
6Mb / 67P
   Service Manual
2014
EZJZ0V171AA PANASONIC-EZJZ0V171AA Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
More results

Podobny opis - EZJZRV270EAK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
EZJZ0V80010 PANASONIC-EZJZ0V80010_17 Datasheet
172Kb / 8P
   Multilayer Varistors
EZJ-Z0V80010 PANASONIC-EZJ-Z0V80010 Datasheet
169Kb / 5P
   Multilayer Varistors
logo
UN Semiconducctor INC
ESD0402-0603 UNSEMI-ESD0402-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN1206-XXXH UNSEMI-UN1206-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0201-0603 UNSEMI-UN0201-0603 Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
ESD0402M-0603M UNSEMI-ESD0402M-0603M Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN3220-XXXH UNSEMI-UN3220-XXXH Datasheet
4Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0402E-0603E UNSEMI-UN0402E-0603E Datasheet
2Mb / 6P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0805-XXXH UNSEMI-UN0805-XXXH Datasheet
2Mb / 7P
   MULTILAYER CHIP VARISTORS
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com