Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA1L0365R-YDTU Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części KA1L0365R-YDTU
Szczegółowy opis  Fairchild Power Switch(FPS)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA1L0365R-YDTU Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  KA1L0365R-YDTU Datasheet HTML 1Page - Fairchild Semiconductor KA1L0365R-YDTU Datasheet HTML 2Page - Fairchild Semiconductor KA1L0365R-YDTU Datasheet HTML 3Page - Fairchild Semiconductor KA1L0365R-YDTU Datasheet HTML 4Page - Fairchild Semiconductor KA1L0365R-YDTU Datasheet HTML 5Page - Fairchild Semiconductor KA1L0365R-YDTU Datasheet HTML 6Page - Fairchild Semiconductor KA1L0365R-YDTU Datasheet HTML 7Page - Fairchild Semiconductor KA1L0365R-YDTU Datasheet HTML 8Page - Fairchild Semiconductor KA1L0365R-YDTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
KA1L0365R/KA1M0365R/KA1H0365R
4
Electrical Characteristics (Control Part) (Continued)
(Ta=25
°C unless otherwise specified)
Note:
1. These parameters, although guaranteed, are not 100% tested in production
2. These parameters, although guaranteed, are tested in EDS (wafer test) process
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
UVLO SECTION
Start Threshold Voltage
VSTART
-
141516
V
Stop Threshold Voltage
VSTOP
After turn on
9
10
11
V
OSCILLATOR SECTION
Initial Accuracy
FOSC
KA1L0365R
45
50
55
kHz
KA1M0365R
61
67
73
KA1H0365R
90
100
110
Frequency Change With Temperature (2)
∆F/∆T-25°C ≤ Ta ≤ +85°C-
±5
±10
%
Maximum Duty Cycle
Dmax
KA1L0365R
74
77
80
%
KA1M0365R
74
77
80
KA1H0365R
64
67
70
FEEDBACK SECTION
Feedback Source Current
IFB
Ta=25
°C, 0V ≤ Vfb ≤ 3V
0.7
0.9
1.1
mA
Shutdown Feedback Voltage
VSD
-
6.9
7.5
8.1
V
Shutdown Delay Current
Idelay
Ta=25
°C, 5V ≤ Vfb ≤ VSD
4.0
5.0
6.0
µA
REFERENCE SECTION
Output Voltage (1)
Vref
Ta=25
°C
4.80
5.00
5.20
V
Temperature Stability (1)(2)
Vref/
∆T-25°C ≤ Ta ≤ +85°C-
0.3
0.6
mV/
°C
CURRENT LIMIT (SELF-PROTECTION) SECTION
Peak Current Limit
IOVER
Max. inductor current
1.89
2.15
2.41
A
PROTECTION SECTION
Thermal Shutdown Temperature (Tj) (1)
TSD
-
140
160
-
°C
Over Voltage Protection Voltage
VOVP
-
232528
V
TOTAL DEVICE SECTION
Start-Up Current
ISTART
VCC=14V
0.1
0.3
0.4
mA
Operating Supply Current
(Control Part Only)
IOP
Ta=25
°C
6
12
18
mA
VCC Zener Voltage
VZ
ICC=20mA
30
32.5
35
V


Podobny numer części - KA1L0365R-YDTU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA1L0380 FAIRCHILD-KA1L0380 Datasheet
75Kb / 12P
   Fairchild Power Switch(SPS)
KA1L0380B FAIRCHILD-KA1L0380B Datasheet
75Kb / 12P
   Fairchild Power Switch(SPS)
KA1L0380B-TU FAIRCHILD-KA1L0380B-TU Datasheet
75Kb / 12P
   Fairchild Power Switch(SPS)
KA1L0380B-YDTU FAIRCHILD-KA1L0380B-YDTU Datasheet
75Kb / 12P
   Fairchild Power Switch(SPS)
KA1L0380RB FAIRCHILD-KA1L0380RB Datasheet
75Kb / 12P
   Fairchild Power Switch(SPS)
More results

Podobny opis - KA1L0365R-YDTU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com