Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LZ3V3 Arkusz danych(PDF) 3 Page - Yea Shin Technology Co., Ltd

Numer części LZ3V3
Szczegółowy opis  500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YEASHIN [Yea Shin Technology Co., Ltd]
Strona internetowa  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

LZ3V3 Arkusz danych(HTML) 3 Page - Yea Shin Technology Co., Ltd

  LZ3V3 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd LZ3V3 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd LZ3V3 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd LZ3V3 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
http://www.yeashin.com
3
REV.02 20120305
Electrical Characteristics (TA = 25°C unless otherwise noted)
VZ@Izt
Device
Type
T
Tolerance
Min
Nom
Max
Izt
(mA)
Zzt@Izt
(Ohms)
Max
Zzk@Izk
(Ohms) Max
Izk
(mA)
IR@VR
(uA)
Max
VR
(V)
A
26.98
27.69
28.41
B
27.67
28.41
29.15
C
28.34
29.09
29.84
LZ30V
D
29.00
29.77
30.54
5
46.0
210
0.5
0.133
23
A
29.66
30.45
31.25
B
30.29
31.10
31.91
C
30.88
31.70
32.52
LZ33V
D
31.46
32.30
33.15
5
55.0
210
0.5
0.133
25
A
32.19
32.96
33.74
B
32.83
33.63
34.42
C
33.46
34.27
35.07
LZ36V
D
31.07
34.89
35.71
5
63.0
210
0.5
0.133
27
A
34.74
35.57
36.41
B
35.41
36.26
37.12
C
36.05
36.92
37.79
LZ39V
D
36.69
37.58
38.46
5
72.0
210
0.5
0.133
30
VF (forward voltage) = 1.2 V maximum @ IF = 200mA for all types
Notes:
1.
The zener voltage subdivision (VZ) is measured 40mS after diode is powered up.
2.
The operating resistance (Zzt and Zzk) is measured by superimposing a minute alternation current in the regulated
current (Iz).
3.
When ordering, please specify tolerance A, B, C or D.
Package Outline
Package
Case Outline
LL34
LL-34
Millimeters
Inches
DIM
Min
Max
Min
Max
A
3.302
3.505
0.130
0.138
B
1.397
1.499
0.055
0.059
C
0.350
0.500
0.014
0.020
Notes:
1.
LL34 polarity denoted by a band.
2.
‘Expansion Gap’ has no relation to the location of polarity.
LZ2V2A/B~LZ39A/B/C/D Series


Podobny numer części - LZ3V3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ebm-papst
LZ30 EBMPAPST-LZ30 Datasheet
436Kb / 2P
   METAL FINGER GUARDS
LZ30-5 EBMPAPST-LZ30-5 Datasheet
221Kb / 1P
   PLASTIC FINGER GUARDS
LZ30-6 EBMPAPST-LZ30-6 Datasheet
221Kb / 1P
   PLASTIC FINGER GUARDS
LZ30F EBMPAPST-LZ30F Datasheet
436Kb / 2P
   METAL FINGER GUARDS
LZ30P EBMPAPST-LZ30P Datasheet
221Kb / 1P
   PLASTIC FINGER GUARDS
More results

Podobny opis - LZ3V3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0 Datasheet
181Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV79C2V0 TAK_CHEONG-TCBZV79C2V0_11 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ2V4 YEASHIN-LLZ2V4 Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B YEASHIN-LLZ5221B Datasheet
451Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCZM2V4B TAK_CHEONG-TCZM2V4B Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLZ2V2 TAK_CHEONG-TCLZ2V2_11 Datasheet
178Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ2V0 TAK_CHEONG-TCLLZ2V0 Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TCLLZ2V0 ETC1-TCLLZ2V0 Datasheet
980Kb / 10P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZJ2V0 YEASHIN-LZJ2V0 Datasheet
1Mb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
ZM2V4B YEASHIN-ZM2V4B Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com