Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD00IC0WEFJ Arkusz danych(PDF) 2 Page - Rohm

Numer części BD00IC0WEFJ
Szczegółowy opis  1A Variable Fixed Output LDO Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD00IC0WEFJ Arkusz danych(HTML) 2 Page - Rohm

  BD00IC0WEFJ Datasheet HTML 1Page - Rohm BD00IC0WEFJ Datasheet HTML 2Page - Rohm BD00IC0WEFJ Datasheet HTML 3Page - Rohm BD00IC0WEFJ Datasheet HTML 4Page - Rohm BD00IC0WEFJ Datasheet HTML 5Page - Rohm BD00IC0WEFJ Datasheet HTML 6Page - Rohm BD00IC0WEFJ Datasheet HTML 7Page - Rohm BD00IC0WEFJ Datasheet HTML 8Page - Rohm BD00IC0WEFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2/23
BDxxIC0WEFJ / BDxxIC0WHFV
Datasheet
TSZ02201-0R6R0A600430-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Dec.2012 Rev.002
●Ordering Information
B D
x
x
I
C
0
W
y
y
y
-
z z
Part
Number
Output
voltage
00:Variable
10:1.0V
12:1.2V
1C:1.25V
15:1.5V
18:1.8V
25:2.5V
26:2.6V
30:3.0V
33:3.3V
Input
voltage
range
:7V
Output
current
C0:1.0A
Shutdown
mode
“W”:included
Package
EFJ : HTSOP-J8
HFV : HVSOF6
Packaging and forming specification
E2 : Emboss tape reel(HTSOP-J8)
GTR : Emboss tape reel(HVSOF6)


Podobny numer części - BD00IC0WEFJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD00IC0WEFJ-E2 ROHM-BD00IC0WEFJ-E2 Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00IC0WEFJ-E2 ROHM-BD00IC0WEFJ-E2 Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00IC0WEFJ-E2 ROHM-BD00IC0WEFJ-E2 Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00IC0WEFJ-E2 ROHM-BD00IC0WEFJ-E2 Datasheet
513Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00IC0WEFJ-E2 ROHM-BD00IC0WEFJ-E2 Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
More results

Podobny opis - BD00IC0WEFJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00GC0WEFJ-E2 ROHM-BD00GC0WEFJ-E2 Datasheet
476Kb / 22P
   1A Variable Fixed Output LDO Regulator
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com