Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT4066D Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74HCT4066D
Szczegółowy opis  Quad single-pole single-throw analog switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4066D Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74HCT4066D Datasheet HTML 7Page - NXP Semiconductors 74HCT4066D Datasheet HTML 8Page - NXP Semiconductors 74HCT4066D Datasheet HTML 9Page - NXP Semiconductors 74HCT4066D Datasheet HTML 10Page - NXP Semiconductors 74HCT4066D Datasheet HTML 11Page - NXP Semiconductors 74HCT4066D Datasheet HTML 12Page - NXP Semiconductors 74HCT4066D Datasheet HTML 13Page - NXP Semiconductors 74HCT4066D Datasheet HTML 14Page - NXP Semiconductors 74HCT4066D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
74HC_HCT4066
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 2 April 2013
11 of 25
NXP Semiconductors
74HC4066; 74HCT4066
Quad single-pole single-throw analog switch
11. Waveforms
Fig 10. Input (Vis) to output (Vos) propagation delays
001aad555
tPLH
tPHL
50 %
50 %
Vis input
Vos output
Measurement points are shown in Table 11.
Fig 11. Turn-on and turn-off times
aaa-003460
tPLZ
tPHZ
switch OFF
switch ON
switch ON
Vos output
Vos output
E input
VM
VI
0 V
90 %
10 %
tPZL
tPZH
50 %
50 %
Table 11.
Measurement points
Type
VI
VM
74HC4066
VCC
0.5VCC
74HCT4066
3.0 V
1.3 V


Podobny numer części - 74HCT4066D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT4066D PHILIPS-74HCT4066D Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
74HCT4066D PHILIPS-74HCT4066D Datasheet
183Kb / 27P
   Quad bilateral swiches
2004 Nov 11
74HCT4066D NXP-74HCT4066D Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
74HCT4066D NEXPERIA-74HCT4066D Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
74HCT4066D-Q100 NEXPERIA-74HCT4066D-Q100 Datasheet
1Mb / 23P
   Quad single-pole single-throw analog switch
More results

Podobny opis - 74HCT4066D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
   Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
logo
Nexperia B.V. All right...
74HCT4066 NEXPERIA-74HCT4066 Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
74HC4066-Q100 NEXPERIA-74HC4066-Q100 Datasheet
1Mb / 23P
   Quad single-pole single-throw analog switch
74HC4016 NEXPERIA-74HC4016 Datasheet
847Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 3 - 12 December 2016
HEF4066B NEXPERIA-HEF4066B Datasheet
244Kb / 13P
   Quad single-pole single-throw analog switch
Rev. 10 - 21 December 2021
74HC4316 NEXPERIA-74HC4316 Datasheet
327Kb / 23P
   Quad single-pole single-throw analog switch
Rev. 6 - 10 September 2021
74HCT4066-Q100 NEXPERIA-74HCT4066-Q100 Datasheet
306Kb / 20P
   Quad single-pole single-throw analog switch
Rev. 4 - 14 April 2020
logo
NXP Semiconductors
74HC_HCT4066 PHILIPS-74HC_HCT4066_15 Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
HEF4066B-Q100 NEXPERIA-HEF4066B-Q100 Datasheet
797Kb / 15P
   Quad single-pole single-throw analog switch
logo
NXP Semiconductors
74HCT4066D-T NXP-74HCT4066D-T Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
HEF4016B NEXPERIA-HEF4016B Datasheet
239Kb / 13P
   Quad single-pole single-throw analog switch
Rev. 5 - 26 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com