Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA78T12 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części KA78T12
Szczegółowy opis  3-Terminal 3A Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78T12 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  KA78T12 Datasheet HTML 1Page - Fairchild Semiconductor KA78T12 Datasheet HTML 2Page - Fairchild Semiconductor KA78T12 Datasheet HTML 3Page - Fairchild Semiconductor KA78T12 Datasheet HTML 4Page - Fairchild Semiconductor KA78T12 Datasheet HTML 5Page - Fairchild Semiconductor KA78T12 Datasheet HTML 6Page - Fairchild Semiconductor KA78T12 Datasheet HTML 7Page - Fairchild Semiconductor KA78T12 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
KA78TXX
4
Electrical Characteristics(KA78T15)
(VI = 23V, IO = 3.0 A, 0
°C ≤ TJ ≤ +125 °C, Po ≤ PMAX , unless otherwise specified.)
Note:
1. Load and line regulation are specified at constant junction temperature. Change in Vo due heating effects must be taken into
account separately. Pulse testing with low duty is used. ( PMAX = 25W)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
Vo
5mA
≤ Io ≤ 3.0A , TJ =+25 °C
17.5V
≤ VI ≤ 30V, 5mA ≤ Io ≤ 2.0A
14.4
14.25
15
15
15.6
15.75
V
Line Regulation (Note1)
∆VO
17.6V
≤ VI ≤ 40V , Io=5mA, TJ =+25 °C
17.6V
≤ VI ≤ 40V , Io=1.0A, TJ =+25 °C
18V
≤ VI ≤ 30V, Io =2.0A
20V
≤ VI ≤ 26V, Io =3.0A
-7.5
55
mV
Load Regulation (Note1)
∆VO
5mA
≤ Io ≤ 3.0A , TJ =+25 °C
5mA
≤ Io ≤ 3.0A
-
10
15
30
80
mV
mV
Thermal Regulation
REGT
Pulse =10ms, P = 20W
TA = +25
°C
-
0.002
0.03
%Vo/W
Quiescent Current
IQ
5mA
≤ Io ≤ 3.0A , TJ =+25 °C
5mA
≤ Io ≤ 3.0A
-
3.5
4.0
5.0
6.0
mA
mA
Quiescent Current
Change
∆IQ
17.6V
≤ VI ≤ 40V, Io = 5mA
TJ =+25
°C ;
18V
≤ VI ≤ 30V, Io =2.0A ;
5mA
≤ Io ≤ 3.0A
-0.1
0.8
mA
Ripple Rejection
RR
f = 120Hz, 18.5V
≤ VI ≤ 28.5V, Io = 2.0A
55
65
-
dB
Dropout Voltage
VD
Io = 3A ,TJ =+25
°C-
2.2
2.5
V
Output Noise Voltage
VN
TA =+25
°C, 10Hz ≤ f ≤ 100KHz
-
10
-
µV/Vo
Peak Output Current
IPK
TA =+25
°C-
5.0
-
A
Output Resistance
Ro
f = 1.0kHz
-
2.0
-
m
Short Circuit Current Limit
Isc
VI = 40V, TJ =+25
°C-
1.0
2.0
A
Average Temperature
Coefficient of Output
Voltage
∆VO/∆T Io = 5.0mA
-
0.5
-
mV/
°C


Podobny numer części - KA78T12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA78T12 FAIRCHILD-KA78T12 Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T12 FAIRCHILD-KA78T12 Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T12TU FAIRCHILD-KA78T12TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
More results

Podobny opis - KA78T12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MC78TXX FAIRCHILD-MC78TXX Datasheet
44Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T15TU FAIRCHILD-KA78T15TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T12TU FAIRCHILD-KA78T12TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T05TU FAIRCHILD-KA78T05TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
LM350 FAIRCHILD-LM350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
NTE Electronics
NTE1918 NTE-NTE1918 Datasheet
25Kb / 2P
   3 Terminal Positive Voltage Regulator 15V, 3A
logo
Fairchild Semiconductor
LM350 FAIRCHILD-LM350_09 Datasheet
172Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
NTE Electronics
NTE1912 NTE-NTE1912 Datasheet
24Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 12V, 3A
NTE931 NTE-NTE931 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 3A
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com