Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL2111AR4Z Arkusz danych(PDF) 11 Page - Intersil Corporation

Numer części ISL2111AR4Z
Szczegółowy opis  100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL2111AR4Z Arkusz danych(HTML) 11 Page - Intersil Corporation

Back Button ISL2111AR4Z Datasheet HTML 5Page - Intersil Corporation ISL2111AR4Z Datasheet HTML 6Page - Intersil Corporation ISL2111AR4Z Datasheet HTML 7Page - Intersil Corporation ISL2111AR4Z Datasheet HTML 8Page - Intersil Corporation ISL2111AR4Z Datasheet HTML 9Page - Intersil Corporation ISL2111AR4Z Datasheet HTML 10Page - Intersil Corporation ISL2111AR4Z Datasheet HTML 11Page - Intersil Corporation ISL2111AR4Z Datasheet HTML 12Page - Intersil Corporation ISL2111AR4Z Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
FN6295.6
March 8, 2012
ISL2110, ISL2111
Package Outline Drawing
L12.4x4A
12 LEAD DUAL FLAT NO-LEAD PLASTIC PACKAGE
Rev 1, 3/11
TYPICAL RECOMMENDED LAND PATTERN
DETAIL "X"
SIDE VIEW
TOP VIEW
BOTTOM VIEW
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Lead width applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
4.00
1.58
0.15
( 3.80)
(4X)
( 12X 0 . 25)
( 10X 0 . 5 )
1.00 MAX
BASE PLANE
C
SEATING PLANE
0.08
C
0.10
C
12 X 0.25
SEE DETAIL "X"
0.10
4
CA
MB
INDEX AREA
6
PIN 1
4.00
A
B
PIN #1 INDEX AREA
3.2 REF
10X 0.50 BSC
6
( 12 X 0.65 )
0 . 00 MIN.
0 . 05 MAX.
C
0 . 2 REF
12X 0 . 45
2.80
( 1.58)
( 2.80 )
0.05 M C
7
6
12
1


Podobny numer części - ISL2111AR4Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL2111AR4Z INTERSIL-ISL2111AR4Z Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
logo
Renesas Technology Corp
ISL2111AR4Z RENESAS-ISL2111AR4Z Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
More results

Podobny opis - ISL2111AR4Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL2110 RENESAS-ISL2110 Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
ISL2100A INTERSIL-ISL2100A Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Monolithic Power System...
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
   100V, 4A, High Frequency Half-Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com