Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

5-1462000-7 Arkusz danych(PDF) 4 Page - Tyco Electronics

Numer części 5-1462000-7
Szczegółowy opis  MT2 Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

5-1462000-7 Arkusz danych(HTML) 4 Page - Tyco Electronics

  5-1462000-7 Datasheet HTML 1Page - Tyco Electronics 5-1462000-7 Datasheet HTML 2Page - Tyco Electronics 5-1462000-7 Datasheet HTML 3Page - Tyco Electronics 5-1462000-7 Datasheet HTML 4Page - Tyco Electronics 5-1462000-7 Datasheet HTML 5Page - Tyco Electronics 5-1462000-7 Datasheet HTML 6Page - Tyco Electronics 5-1462000-7 Datasheet HTML 7Page - Tyco Electronics 5-1462000-7 Datasheet HTML 8Page - Tyco Electronics 5-1462000-7 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4.5
2.9
6.3
0.45
550
36
C 93438
7-1462000-7
5
3.3
7.0
0.5
550
45
C 93450
8-1462000-5
6
3.9
8.4
0.60
550
66
C 93437
7-1462000-6
12
7.8
16.8
1.20
550
280
C 93432
6-1462000-2
24
15.6
33.6
2.40
550
1050
C 93431
6-1462000-1
48
31.2
67.2
4.80
550
4100
C 93430
5-1462000-9
3
2.0
7.0
0.30
200
45
C 93414
1-1462001-1
4.5
2.9
10.5
0.45
200
101
C 93415
3-1462000-0
5
3.3
11.6
0.50
200
125
C 93416
3-1462000-1
6
3.9
14.0
0.60
200
180
C 93428
5-1462000-7
9
5.9
21.0
0.90
200
405
C 93417
3-1462000-6
12
7.8
28.0
1.20
200
720
C 93418
3-1462000-7
24
15.6
59.9
2.40
200
2880
C 93419
4-1462000-1
48
31.2
112.0
4.80
200
11520
C 93420
4-1462000-5
MT2 Relay
Sensitive version (300 mW)
non-latching 1 coil
Sensitive version (200 mW)
non-latching 1 coil
3
2.1
8.1
0.30
150
60
C 93400
1-1462001-2
3.3
2.3
8.8
0.33
150
72
C 93407
1-1462001-3
4.5
3.2
12.2
0.45
150
136
C 93406
2-1462000-2
5
3.6
13.5
0.50
150
168
C 93401
0-1462000-1
6
4.3
16.2
0.60
150
240
C 93427
5-1462000-6
9
6.4
24.3
0.90
150
544
C 93405
2-1462000-0
12
8.6
32.4
1.20
150
968
C 93402
0-1462000-7
24
17.1
64.8
2.40
150
3872
C 93403
1-1462000-3
48
34.1
129.6
4.80
150
15468
C 93404
1-1462000-8
High sensitive version (150 mW)
non-latching 1 coil
Standard version (550 mW)
non-latching 1 coil
4.5
3.1
8.9
0.45
300
73
C 93433
6-1462000-6
5
3.4
9.9
0.50
300
90
C 93434
6-1462000-8
12
8.25
23.6
1.20
300
515
C 93412
2-1462000-6
24
16.5
47.3
2.40
300
2060
C 93435
7-1462000-0
48
32.5
54.6
4.80
300
8240
C 93436
7-1462000-2
4.5
2.9
8.9
0.45
400
50
C 93421
4-1462000-7
5
3.3
9.9
0.50
400
63
C 93422
4-1462000-8
6
3.9
11.8
0.60
400
90
C 93429
5-1462000-8
9
5.9
17.7
0.90
400
203
C 93423
5-1462000-0
12
7.8
23.6
1.20
400
360
C 93424
5-1462000-1
24
15.6
47.3
2.40
400
1440
C 93425
5-1462000-3
48
31.2
94.6
4.80
400
5760
C 93426
5-1462000-5
Standard version (400 mW)
non-latching 1 coil
Coil Data (values at 23°C)
Nominal
Operate/set voltage range
Release/
Coil
Coil
Relay
Tyco part
voltage
reset voltage
power
Resistance
code
number
Unom
Minimum
Minimum
Maximum
voltage U
min
voltage U
max
Vdc
Vdc
Vdc
Vdc
mW
Ω / ± 10 %
Ordering Information
Page 4 (9)
108-98006 Rev. C


Podobny numer części - 5-1462000-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
5-1462000-7 MACOM-5-1462000-7 Datasheet
472Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
5-1462000-7 MACOM-5-1462000-7 Datasheet
488Kb / 9P
   The Best Relaytion
More results

Podobny opis - 5-1462000-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
C93419 MACOM-C93419 Datasheet
22Kb / 1P
   MT2-Relay Dimebsions
C93401 MACOM-C93401 Datasheet
30Kb / 2P
   MT2-RELAY Dimensions
logo
List of Unclassifed Man...
FZ800ED-RELAY ETC-FZ800ED-RELAY Datasheet
21Kb / 1P
   RELAY
PRS-1 ETC2-PRS-1 Datasheet
522Kb / 1P
   relay
logo
GOOD SKY ELECTRIC CO., ...
RET GOODSKY-RET Datasheet
1Mb / 6P
   Relay
logo
List of Unclassifed Man...
FRC1 ETC-FRC1 Datasheet
64Kb / 2P
   RELAY
HRS4E ETC-HRS4E Datasheet
71Kb / 3P
   Relay
logo
GOOD SKY ELECTRIC CO., ...
GIN GOODSKY-GIN Datasheet
397Kb / 2P
   Relay
logo
Ningbo songle relay co....
SRD SONGLERELAY-SRD Datasheet
97Kb / 2P
   RELAY
logo
Fujitsu Component Limit...
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com