Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SFR9034TF Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części SFR9034TF
Szczegółowy opis  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SFR9034TF Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  SFR9034TF Datasheet HTML 1Page - Fairchild Semiconductor SFR9034TF Datasheet HTML 2Page - Fairchild Semiconductor SFR9034TF Datasheet HTML 3Page - Fairchild Semiconductor SFR9034TF Datasheet HTML 4Page - Fairchild Semiconductor SFR9034TF Datasheet HTML 5Page - Fairchild Semiconductor SFR9034TF Datasheet HTML 6Page - Fairchild Semiconductor SFR9034TF Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SFR/U9034
P-CHANNEL
POWER MOSFET
Fig 12. Gate Charge Test Circuit & Waveform
Fig 13. Resistive Switching Test Circuit & Waveforms
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
E
AS =LL IAS
2
----
2
1
--------------------
BV
DSS -- VDD
BV
DSS
V
in
V
out
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Charge
V
GS
-10V
Q
g
Q
gs
Q
gd
Vary t
p to obtain
required peak I
D
-10V
V
DD
C
L
L
V
DS
I
D
R
G
t
p
DUT
BV
DSS
t
p
V
DD
I
AS
V
DS (t)
I
D (t)
Time
V
DD
( 0.5 rated V
DS )
-10V
V
out
V
in
R
L
DUT
R
G
-3mA
V
GS
Current Sampling (I
G)
Resistor
Current Sampling (I
D)
Resistor
DUT
V
DS
300nF
50K
200nF
12V
Same Type
as DUT
“ Current Regulator ”
R
1
R
2


Podobny numer części - SFR9034TF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
SFR9034 FAIRCHILD-SFR9034 Datasheet
237Kb / 7P
   Advanced Power MOSFET
logo
Inchange Semiconductor ...
SFR9034 ISC-SFR9034 Datasheet
321Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Podobny opis - SFR9034TF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com