Zakładka z wyszukiwarką danych komponentów |
|
MC2835 Arkusz danych(PDF) 1 Page - Isahaya Electronics Corporation |
|
MC2835 Arkusz danych(HTML) 1 Page - Isahaya Electronics Corporation |
1 / 3 page 〈SMALL-SIGNAL DIODE〉 MC2835 FOR GENERAL SWITCHING APPLICATION SILICON EPITAXIAL TYPE(SERIES TYPE) ISAHAYA ELECTRONICS CORPORATION DESCRIPTION MC2835 is a super mini package plastic seal type silicon epitaxial type double diode, especially designed for general switching application. Double and small pin capacitance(2pieces), suitable for protect circuit, bias circuit. FEATURE ●Small pin capacitance ●Double and super mini package for mounting APPLICATION For general switching of audio machine, VTR. OUTLINE DRAWING Unit:mm INTERNAL CONNECTION MARKING MAXIMUM RATINGS(Ta=25℃) Symbol Parameter Ratings Unit V RM Peak reverse voltage 35 V V R DC reverse voltage 30 V I FSM Surge current(1μs) 4 A I FM Peak forward current 300 mA I O Average rectificationcurrent 100 mA P T Total allowance dissipation 200 mW T j Junction temperature +150 ℃ T stg Storage temperature -55~+150 ℃ ELECTRICAL CHARACTERISTICS(Ta=25℃) Parameter Symbol Test conditions Limits Unit Min Typ Max Forward voltage V F1 I F=1mA - 0.75 1.0 V V F2 I F=50mA - 0.85 1.2 V F3 I F=100mA - 0.90 1.4 Reverse current I R1 V R=30V - - 0.1 μA Pin capacitance C t VR=0V,f=1MHz D1 - 6 - pF D2 - 10 - JEITA:SC-59 JEDEC:Similar to TO-236 TERMINAL CONNECTER ①:CATHODE2 ②:ANODE1 ③:CATHODE1+ANODE2 0.65 1.5 0.65 2.8 ① ② ③ ① ② ③ A 8 ① ② ③ D2 D1 |
Podobny numer części - MC2835 |
|
Podobny opis - MC2835 |